Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF9188 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF9188
Description  Low-loss RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9188 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF9188 Datasheet HTML 1Page - Advanced Crystal Technology ACTF9188 Datasheet HTML 2Page - Advanced Crystal Technology ACTF9188 Datasheet HTML 3Page - Advanced Crystal Technology ACTF9188 Datasheet HTML 4Page - Advanced Crystal Technology ACTF9188 Datasheet HTML 5Page - Advanced Crystal Technology ACTF9188 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
1962.50
MHz
Insertion Loss
IL
1930.00 …. 1995.00 MHz
--
1.9 *(
3.0*)
dB
Group Delay Ripple
1930.00 …. 1995.00 MHz
10
40
ns
Absolute Attenuation
α
DC …. 1850.00 MHz
20
26
dB
1850.00 …. 1890.00 MHz
26
32
dB
1890.00 …. 1910.00 MHz
6*)
14
dB
2050.00 …. 2500.00 MHz
25
30
dB
2500.00 …. 3000.00 MHz
25
32
dB
3000.00 …. 6000.00 MHz
30
dB
Amplitude Ripple (p-p) 1930.00 …. 1995.00 MHz
Δα
0.8
*(
1.5 *)
dB
1930.00 …. 1995.00 MHz
--
1.6:1
2.0:1 *)
Output VSWR
1930.00 …. 1995.00 MHz
--
1.6:1
2.0:1 *)
Input / Output Impedance (Nominal)
50
Ω
*( : Normal temperature 25℃
*) :
-40℃ ~ +85℃
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 2 -



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com