Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAAM-010239 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-010239
Description  Low Noise Figure
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-010239 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-010239 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-010239 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-010239 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-010239 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-010239 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise FTTx Amplifier
50 - 1000 MHz
Rev. V1
MAAM-010239
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +5 Volts, Z0 = 75 Ω
Off-Chip Component Values
8. L1 and L2 supplied from EPCOS, part number B82422A1102K100.
Test Circuit Schematic
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
RFIN to RFOUT
51 MHz
1 GHz
dB
29
29.5
30
30.5
31
31.5
Gain Flatness
RFIN to RFOUT
dB
-
0.5
1
Noise Figure
RFIN to RFOUT
dB
-
3.5
4.5
Input Return Loss
RFIN
dB
-
15
-
Output Return Loss
RFOUT
dB
-
15
-
Reverse Isolation
RFOUT to RFIN
dB
-
37
-
P1dB
400 MHz
dBm
-
20
-
Output IP2
Two tones, 400 MHz, +5 dBm output per tone
dBm
-
62
-
Output IP3
Two tones, 400 MHz, +5 dBm output per tone
dBm
-
35
-
Composite Triple Beat, CTB
132 Channels, +30 dBmV/Channel at the Output
dBc
-60
-65
-
Composite Second Order, CSO 132 Channels, +30 dBmV/Channel at the Output
dBc
-55
-60
Cross modulation
132 Channels, +30 dBmV/Channel at the Output
dBc
-
-65
-
IDD
VDD = +5 Volts
mA
-
215
250
Recommended PCB Layout
Component
Value
Package
C1-C7
0.01 µF
0402
L1, L28
1.0 µH
1210
L3
6.8 nH
0402
L4
1.8 nH
0402
R1
470 Ω
0402
R2
430 Ω
0402
R3
0 Ω
0402
RFIN
C1
VDD
L3
C2
C7
L1
R1
C3
L4
C4
R2
RFOUT
C5
R3
L2
C6
VDD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com