Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5110IDAPR Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS5110IDAPR
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110IDAPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5110IDAPR Datasheet HTML 11Page - Texas Instruments TAS5110IDAPR Datasheet HTML 12Page - Texas Instruments TAS5110IDAPR Datasheet HTML 13Page - Texas Instruments TAS5110IDAPR Datasheet HTML 14Page - Texas Instruments TAS5110IDAPR Datasheet HTML 15Page - Texas Instruments TAS5110IDAPR Datasheet HTML 16Page - Texas Instruments TAS5110IDAPR Datasheet HTML 17Page - Texas Instruments TAS5110IDAPR Datasheet HTML 18Page - Texas Instruments TAS5110IDAPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
15
www.ti.com
Thermal Methodology for the 32-Pin DAD Package 50 W, 6-
Ω Test
The thermal test for the DAD part (e.g., thermal pad oriented away from the board) was conducted as shown
in Figure 7 and Figure 8. The cooling approach was to attach a heat sink to the thermal pad and conduct the
heat to ambient air.
Since the approach was to use a chassis below the board, it was inverted and a spacer bar used to connect
the pads thermally to the heat sink. The bar was made high enough that the components on the board were
clear of the chassis.
The pad-to-spacer thermal resistance was about 3.2
_C/W with the thermal compound indicated.
The chassis provided the only heat sink to air and was chosen as representative of a possible cooling approach.
A closed plastic top and insulating front and back panels ensured that only the bottom and sides of the U shaped
chassis contributed to cooling. The chassis was spaced 0.25 inch from the table to simulate a normal chassis
configuration. The thermal pad does not need to be isolated from ground. (Any heat sink with a thermal
resistance to air of 3.9
_C/W or lower also works.) In this test, the exposed chassis reached long-term equilibrium
temperatures above 50
_C, so the approach would have to be modified for touch temperature consideration. The
chassis temperature after 10 minutes of 50 W into 6
Ω was below 50_C.
The test ran for three hours with 2 x 50 W RMS at 1 kHz into a 6-
Ω resistive load at an ambient lab temperature
of 23
_C. No audio or thermal problems were encountered during that time.
32 DAD Package
Wakefield Type 126
Thermal Compound
(3.2
°C/W)
Aluminum Space Bar
(1/4 in Thick)
(2.44
°C/W)
Stereo Amplifier
Board
Wakefield Type 126
Thermal Compound
(0.169
°C/W)
1.25 in
Aluminum Chassis 7.2 in x 1 in x 0.1 in Thick
Sides of U-Shaped Chassis Are 1.25 in High
(3.9
°C/W)
Insulating
Back Panel
Insulating
Front Panel
Plastic Top Cover
Figure 7. 32-Pin DAD Package Cross-Sectional View (Side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com