Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U74LV164G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LV164G-P14-R
Description  8-BIT SERIAL-IN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LV164G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LV164G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74LV164G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LV164
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-055.A
8-BIT SERIAL-IN/ PARALLEL-
OUT SHIFT REGISTER
DESCRIPTION
The U74LV164 is an 8-bit serial-in/parallel-out shift register. The
logical AND of the A and B enters into Qn and shifts one place to
right on each LOW-to-HIGH transition of the clock (CLK). A low level
on the reset ( CLR ) input clears all the register asynchronously and
force all output LOW.
FEATURES
* Wide supply voltage range from 2V to 5.5V
* Inputs accept voltages up to 5.5V
* Low static power consumption; ICC=20μA (Max.)
* Optimized for 3.3V Operation
* Support Mixed-Mode Voltage Operation on All Ports
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LV164G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74LV164G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LV00 UTC-U74LV00 Datasheet
196Kb / 5P
QUADRUPLE 2-INPUT NAND GATE
U74LV00G-P14-R UTC-U74LV00G-P14-R Datasheet
196Kb / 5P
QUADRUPLE 2-INPUT NAND GATE
U74LV00G-P14-R UTC-U74LV00G-P14-R Datasheet
196Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
U74LV00G-P14-T UTC-U74LV00G-P14-T Datasheet
196Kb / 5P
QUADRUPLE 2-INPUT NAND GATE
U74LV00G-P14-T UTC-U74LV00G-P14-T Datasheet
196Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - U74LV164G-P14-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
NXP Semiconductors
74ALS164 PHILIPS-74ALS164 Datasheet
103Kb / 9P
8-bit serial-in parallel-out shift register
1991 Feb 08
74HC164 PHILIPS-74HC164 Datasheet
54Kb / 8P
8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
8-bit, serial IN, parallel OUT driver
BA829 ROHM-BA829 Datasheet
81Kb / 7P
8-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
DM74ALS165 FAIRCHILD-DM74ALS165 Datasheet
63Kb / 6P
8-Bit Parallel In/Serial Out Shift Register
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A_15 Datasheet
244Kb / 7P
8-BIT SERIAL-IN SHIFT REGISTER
U74HC595A UTC-U74HC595A_16 Datasheet
248Kb / 8P
8-BIT SERIAL-IN SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com