Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UB2-3SNU-L Datasheet(PDF) 3 Page - Kemet Corporation

Part # UB2-3SNU-L
Description  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2-3SNU-L Datasheet(HTML) 3 Page - Kemet Corporation

  UB2-3SNU-L Datasheet HTML 1Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 2Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 3Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 4Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 5Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 6Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 7Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 8Page - Kemet Corporation UB2-3SNU-L Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Pin Configurations
Bottom view
-
+
+
-
R
S
+
-
S: Coil polarity for Set
R: Coil polarity for Reset
1
2
3
4
8
7 6
5
Single coil latch type
(Reset position)
Non-latch type
(Non-energized position)
1
2
3
4
8
7 6
5
Safety Standards and Ratings
Certification Body
Mark
Specification
File Number
Rating
UL
Part number
Manufacturer
Country of origin
Date code
Direction mark
(pin No. 1 and 10)
UL, CSA marking
0501F
EA2-5NU
JAPAN
0501F
EA2-5NU
JAPAN
UL Recognized
(UL508)1
E73266
30 VDC, 1 A (resistive)
110 VDC, 0.3 A (resistive)
125 VAC, 0.5 A (resistive)
CSA
Part number
Manufacturer
Country of origin
Date code
Direction mark
(pin No. 1 and 10)
UL, CSA marking
0501F
EA2-5NU
JAPAN
0501F
EA2-5NU
JAPAN
CSACertified
(CSA 22.2 #14)
LR46266
1
Spacing: UL840
2
Spacing: CSA std950
Certification Body
Mark
Specification
File Number
Class
Rating
TUV
TUVCertified
(EN61810)
2050596
Basic insulation
Creepage and clearance of coil to
contact is more than 2 mm
(According to EN60950)
Environmental Compliance
All KEMET relays are RoHS Compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com