Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V6340DSP3B Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # V6340DSP3B
Description  Ultra Low Cost 3-Pin Microprocessor Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6340DSP3B Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  V6340DSP3B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6340DSP3B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6340DSP3B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6340DSP3B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6340DSP3B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6340DSP3B Datasheet HTML 6Page - EM Microelectronic - MARIN SA V6340DSP3B Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6340DSP3B Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
V6340
Copyright © 2005, EM Microelectronic-Marin SA
03/06 – rev.K
1
www.emmicroelectronic.com
Ultra Low Cost 3-Pin Microprocessor Reset
Description
The V6340 monitors the supply voltage of any electronic
system, and generates the appropriate Reset signal. The
threshold must be chosen to the minimum allowed voltage
which guarantees the good functionality of the system. As
long as VDD stays upside this voltage level, the output stays
inactive. If VDD drops below VTH, the output gets active.
The threshold voltage may be obtained in different versions:
2.6V, 3.0V, 3.7V and 4.4V.
Features
!
SOT-23 and TO-92 package
!
Reset output state guaranteed down to VDD = 1V @
25°C
!
Low supply current: stays stable during switching
versions B, N, N:
typ. 19µA at VDD = 5V
other versions:
typ. 38µA at VDD = 5V
!
±2.5% voltage threshold accuracy
!
High noise immunity
!
No external components required
!
Push-pull or Open drain output
!
Pin compatible with MAX 809 in SOT-23, by appropriate
layout on PCB
!
Pin compatible with MC 33164 in TO-92
!
TTL output compatibility
Applications
Applications needing a voltage detection:
!
Computer electronics
!
White / Brown goods
!
Automotive electronics
!
Industrial electronics
!
Telecom systems
!
Hand-held systems
Typical Operating Configuration
V6340
Micro-
processor
VDD
VSS
RES
or
RES
VDD
GND
Fig. 1
Pin Assignment
V6340
12
3
View
Flat Front
V
DD
V
SS
RES
or
RES
TO-92
V6340
3
2
1
V
SS
RES or
RES
V
DD
SOT23-3L
Fig. 2
EM MICROELECTRONIC - MARIN SA


Similar Part No. - V6340DSP3B

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
V63-200 CONNOR-WINFIELD-V63-200 Datasheet
72Kb / 1P
8 PIN DIP VCXO
logo
EM Microelectronic - MA...
V6300 EMMICRO-V6300 Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
V6300ASP5B EMMICRO-V6300ASP5B Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
V6300BSP5B EMMICRO-V6300BSP5B Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
V6300CSP5B EMMICRO-V6300CSP5B Datasheet
346Kb / 6P
Ultra Low Power 3-Pin Power-On Reset IC
More results

Similar Description - V6340DSP3B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
NXP Semiconductors
MAX6326 PHILIPS-MAX6326 Datasheet
95Kb / 12P
3-pin ultra-low power SC70/SOT microprocessor reset circuit
2003 Aug 05
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
3-Pin Microprocessor Reset Monitor
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com