Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA05V35 Datasheet(PDF) 2 Page - Diotech Company.

Part # ESDA05V35
Description  TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ESDA05V35 Datasheet(HTML) 2 Page - Diotech Company.

  ESDA05V35 Datasheet HTML 1Page - Diotech Company. ESDA05V35 Datasheet HTML 2Page - Diotech Company. ESDA05V35 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESDA05V35
TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
Electrical Characteristics
VBR
VF
C
Min.
Typ
Max.
IT
VRwM
IR
Max.
IF
Typ. 0v bias
Part Number
V
V
V
mA
V
µA
V
mA
pF
ESDA05V35
6.1
6.7
7.2
1
5
1
1.25
200
35
1.Square pulse IPP=15A,tp=2.5µs 2.VBR=aT*(Tamb-25°C)*VBR(25°C)
Typical Characteristics
Fig1. 8/20µs Pulse Waveform
0
5
10
15
20
25
30
120
tr
100
80
60
40
20
0
Peak Value IPP
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8 s
td=20 s
t -Time ( s)
Fig3. Power Derating Curve
0
25
50
75
100
125
150
110
100
40
30
20
10
0
90
80
70
60
50
Ambient Temperature – TA (ºC)
Fig2. ESD Pulse Waveform (according to IEC 61000- 4- 2)
60ns
10%
30ns
tr = 0.7~1ns
Time (ns)
90%
100%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com