Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UZ5708 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # UZ5708
Description  Electrical Specifications at 25oC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

UZ5708 Datasheet(HTML) 1 Page - American Microsemiconductor

  UZ5708 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IR
±5%
VR
±10%
VR
±5%
Tolerance
±10%
Tolerance
Volts
mA
Ohms
µA
Volts
Volts
%/
oC
mA
Amps
UZ5706
UZ5806
UZ5906
UZ5206
UZ5306
6.8
175
1.0
500
5.2
4.9
.05
675
40
UZ5707
UZ5807
UZ5907
UZ5207
UZ5307
7.5
175
1.5
400
5.7
5.4
.06
620
32
UZ5708
UZ5808
UZ5908
UZ5208
UZ5308
8.2
150
1.5
200
6.2
5.9
.06
570
24
UZ5709
UZ5809
UZ5909
UZ5209
UZ5309
9.1
150
2.0
100
6.9
6.6
.06
510
22
UZ5710
UZ5810
UZ5910
UZ5210
UZ5310
10.0
125
2.0
75
7.6
7.2
.07
470
20
UZ5712
UZ5812
UZ5912
UZ5212
UZ5312
12
100
2.5
50
9.1
8.6
.07
385
18
UZ5713
UZ5813
UZ5913
UZ5213
UZ5313
13
100
3.0
25
9.9
9.3
.08
350
16
UZ5714
UZ5814
UZ5914
UZ5214
UZ5314
14
100
3.0
20
10.6
10.1
.08
320
14
UZ5715
UZ5815
UZ5915
UZ5215
UZ5315
15
75
3.5
15
11.4
10.8
.08
300
12
UZ5716
UZ5816
UZ5916
UZ5216
UZ5316
16
75
3.5
10
12.2
11.5
.08
275
10
UZ5718
UZ5818
UZ5918
UZ5218
UZ5318
18
65
4.0
10
13.7
12.9
.085
255
9.0
UZ5720
UZ5820
UZ5920
UZ5220
UZ5320
20
65
4.5
10
15.2
14.4
.085
220
8.0
UZ5722
UZ5822
UZ5922
UZ5222
UZ5322
22
50
5.0
10
16.7
15.8
.085
195
7.0
UZ5724
UZ5824
UZ5924
UZ5224
UZ5324
24
50
5.0
10
18.2
17.3
.090
180
6.5
UZ5727
UZ5827
UZ5927
UZ5227
UZ5327
27
50
6.0
10
20.6
19.4
.090
155
6.0
UZ5730
UZ5830
UZ5930
UZ5230
UZ5330
30
40
8
10
22.8
21.6
.09
140
5.5
UZ5733
UZ5833
UZ5933
UZ5233
UZ5333
33
40
10
5
25.1
23.7
.09
130
5.0
UZ5736
UZ5836
UZ5936
UZ5236
UZ5336
36
30
11
5
27.4
25.9
.095
120
4.5
UZ5740
UZ5840
UZ5940
UZ5240
UZ5340
40
30
14
5
30.4
28.8
.095
105
4.0
UZ5745
UZ5845
UZ5945
UZ5245
UZ5345
45
30
20
5
34.2
32.4
.095
95
3.5
UZ5750
UZ5850
UZ5950
UZ5250
UZ5350
50
25
25
5
38.0
36.0
.095
85
3.0
UZ5755
UZ5855
UZ5955
UZ5255
UZ5355
56
20
35
5
42.6
40.3
.095
80
2.8
UZ5760
UZ5860
UZ5960
UZ5260
UZ5360
60
20
40
5
45.7
43.2
.100
75
2.5
UZ5770
UZ5870
UZ5970
UZ5270
UZ5370
70
20
50
5
53.3
50.5
.100
65
2.3
UZ5775
UZ5875
UZ5975
UZ5275
UZ5375
75
15
55
5
56.0
54.0
.100
60
2.0
UZ5780
UZ5880
UZ5980
UZ5280
UZ5380
80
15
80
5
60.8
57.7
.100
55
1.8
UZ5790
UZ5890
UZ5990
UZ5290
UZ5390
90
15
90
5
68.5
64.8
.100
50
1.6
UZ5110
UZ5210
UZ5310
UZ5410
UZ5510
100
10
100
5
76.0
72.0
.100
45
4.4
UZ5111
UZ5211
UZ5311
UZ5411
UZ5511
110
10
125
5
83.6
79.2
.100
40
1.2
UZ5112
UZ5212
UZ5312
UZ5412
UZ5512
120
10
170
5
91.2
86.4
.100
38
1.0
UZ5113
UZ5213
UZ5313
UZ5413
UZ5513
130
10
190
5
98.8
93.6
.105
35
0.80
UZ5114
UZ5214
UZ5314
UZ5414
UZ5514
140
8
230
5
106.0
101.0
.105
33
0.80
UZ5115
UZ5215
UZ5315
UZ5415
UZ5515
150
8
330
5
114.0
108.0
.105
31
0.75
UZ5116
UZ5216
UZ5316
UZ5416
UZ5516
160
8
350
5
122.0
115.0
.105
30
0.70
UZ5117
UZ5217
UZ5317
UZ5417
UZ5517
170
8
380
5
129.0
122.0
.105
27
0.65
UZ5118
UZ5218
UZ5318
UZ5418
UZ5518
180
5
450
5
137
129
.110
25
0.60
UZ5119
UZ5219
UZ5319
UZ5419
UZ5519
190
5
470
5
144
137
.110
24
0.55
UZ5120
UZ5220
UZ5320
UZ5420
UZ5520
200
5
500
5
152
144
.110
22
0.50
UZ5122
UZ5222
UZ5322
UZ5422
UZ5522
220
5
550
5
167
158
.115
20
0.45
UZ5124
UZ5224
UZ5324
UZ5424
UZ5524
240
5
650
5
182
173
.115
18
0.40
UZ5126
UZ5226
UZ5326
UZ5426
UZ5526
260
5
750
5
198
187
.120
17
0.35
UZ5128
UZ5228
UZ5328
UZ5428
UZ5528
280
4
850
5
213
202
.120
16
0.30
UZ5130
UZ5230
UZ5330
UZ5430
UZ5530
300
4
950
5
228
216
.120
15
0.25
UZ5132
UZ5232
UZ5332
UZ5432
UZ5532
320
4
1100
5
243
230
.120
14
0.24
UZ5134
UZ5234
UZ5334
UZ5434
UZ5534
340
4
1200
5
258
245
.120
13
0.23
UZ5136
UZ5236
UZ5336
UZ5436
UZ5536
360
3
1400
5
274
259
.120
12
0.22
UZ5138
UZ5238
UZ5338
UZ5438
UZ5538
380
3
1500
5
289
274
.120
12
0.21
UZ5140
UZ5240
UZ5340
UZ5440
UZ5540
400
3
1800
5
304
288
.120
11
0.20
www.americanmicrosemi.com
Maximum Reverse
Leakage Current
Typ.
Temp.
Coeff.
TC@IZR
Maximum
Continuous
Current*
IZM
Maximum
Surge
Current Ɨ
IS
Tel. 1-973-377-9566 Fax. 1-973-377-3078
33 Kings Road
Madison, New Jersey 07940
United States of America
© 2016 American Microsemiconductor, Inc.
Specifications are subject to change without notice
Document Page 1 of 1
Revised 05/2016
DEKRA Certification Inc.
AS9100C and ISO 9001:2008
Certificate No. 131519.01
Type *
Electrical Specifications at 25
oC
Maximum Ratings
Nominal
Zener
Voltage Ɨ
VZ @ IZT
Test
Current
IZT
Max. Zener
impedance ᶊ
ZZ @ IZΓ


Similar Part No. - UZ5708

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UZ5708 MICROSEMI-UZ5708 Datasheet
109Kb / 2P
POWER ZENERS
logo
Digitron Semiconductors
UZ5708 DIGITRON-UZ5708 Datasheet
265Kb / 3P
POWER ZENERS 5 WATT
More results

Similar Description - UZ5708

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
UZ5113 AMMSEMI-UZ5113 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5117 AMMSEMI-UZ5117 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5123 AMMSEMI-UZ5123 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5128 AMMSEMI-UZ5128 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5138 AMMSEMI-UZ5138 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5140 AMMSEMI-UZ5140 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5212 AMMSEMI-UZ5212 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5216 AMMSEMI-UZ5216 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5217 AMMSEMI-UZ5217 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
UZ5220 AMMSEMI-UZ5220 Datasheet
452Kb / 1P
Electrical Specifications at 25oC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com