Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF4356BCPZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADF4356BCPZ
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356BCPZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF4356BCPZ Datasheet HTML 24Page - Analog Devices ADF4356BCPZ Datasheet HTML 25Page - Analog Devices ADF4356BCPZ Datasheet HTML 26Page - Analog Devices ADF4356BCPZ Datasheet HTML 27Page - Analog Devices ADF4356BCPZ Datasheet HTML 28Page - Analog Devices ADF4356BCPZ Datasheet HTML 29Page - Analog Devices ADF4356BCPZ Datasheet HTML 30Page - Analog Devices ADF4356BCPZ Datasheet HTML 31Page - Analog Devices ADF4356BCPZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
ADF4356
Data Sheet
Rev. 0 | Page 28 of 35
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
RESERVED
RESERVED
CONTROL
BITS
0
1
0
0
0
0
0
C3(0) C2(1) C1(1)
C4(1)
0
0
0
0
1
0
0
1
0
0
0
0
0
0
0
0
0
1
0
VH
VH
VCO BAND HOLD
0
1
NORMAL OPERATION
VCO BAND HOLD
Figure 39. Register 11
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
P13
P12
P11
P10
P9
PHASE RESYNC CLOCK VALUE
CONTROL
BITS
P8
P7
P6
P5
P4
P3
P2
P1
0
1
0
1
C3(1) C2(0) C1(0)
C4(1)
P14
P15
P16
P17
P18
P19
P20
P20
P19
...
P5
P4
P3
P2
P1
RESYNC CLOCK
0
0
...
0
0
0
0
0
NOT ALLOWED
0
0
...
0
0
0
0
1
1
0
0
...
0
0
0
1
0
2
.
.
...
.
.
.
.
.
...
0
0
...
1
0
1
1
0
22
0
0
...
1
0
1
1
1
23
0
0
...
1
1
0
0
0
24
.
.
...
.
.
.
.
.
...
1
1
...
1
1
1
0
1
65533
1
1
...
1
1
1
1
0
65534
1
1
...
1
1
1
1
1
1048575
RESERVED
1
1
1
1
Figure 40. Register 12
REGISTER 11
Control Bits
With Bits[C4:C1] set to 1011, Register 11 is programmed. Figure 39
shows the input data format for programming this register.
Reserved
Bits[DB31:DB25] are reserved and must be set to 0. Bit DB22,
Bit DB21, Bit DB16, and Bit DB13 must be set to 1, and all other
bits in this range (Bits[DB23:DB4]) must be set to 0.
VCO Band Hold
VH (Bit DB24), when set to 1, prevents a reset of the VCO core,
band, and bias during a counter reset. VCO band hold is
required for applications that use external PLLs.
REGISTER 12
Control Bits
With Bits[C4:C1] set to 1100, Register 12 is programmed. Figure 40
shows the input data format for programming this register.
Phase Resync Clock Value
P20 to P1 (Bits[DB31:DB12]) set the timeout counter for
activation of phase resync. This value must be set such that
a resync happens immediately after (and not before) the PLL
has achieved lock after reprogramming.
Calculate the timeout value using the following equation:
Time Out Value = Phase Resync Clock Value/fPFD
When not using phase resync, set these bits to 1 for normal
operation.
Reserved
Bits [DB11:DB4] are reserved. Bit DB10 and Bits[DB8:DB4]
must be set to 1, and all other bits in this range must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com