Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4805-1AKSZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4805-1AKSZ-R7
Description  0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4805-1AKSZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4805-1AKSZ-R7 Datasheet HTML 17Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 18Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 19Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 20Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 21Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 22Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 23Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 24Page - Analog Devices ADA4805-1AKSZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Data Sheet
ADA4805-1/ADA4805-2
Rev. B | Page 25 of 25
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 67. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
2.48
2.38
2.23
0.50
0.40
0.30
10
1
6
5
0.30
0.25
0.20
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.74
1.64
1.49
0.20 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
3.10
3.00 SQ
2.90
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COPLANARITY
0.08
TOP VIEW
BOTTOM VIEW
0.20 MIN
Figure 68. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADA4805-1ARJZ-R2
−40°C to +125°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
H3H
ADA4805-1ARJZ-R7
−40°C to +125°C
6-Lead Small Outline Transistor Package [SOT-23]
RJ-6
H3H
ADA4805-1AKSZ-R2
−40°C to +125°C
6-Lead Plastic Surface-Mount Package [SC70]
KS-6
H3H
ADA4805-1AKSZ-R7
−40°C to +125°C
6-Lead Plastic Surface-Mount Package [SC70]
KS-6
H3H
ADA4805-2ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
H3K
ADA4805-2ARMZ-R7
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
H3K
ADA4805-2ACPZ-R7
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
H3K
ADA4805-2ACPZ-R2
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
H3K
ADA4805-1ARJZ-EBZ
Evaluation Board for 6-Lead SOT-23
ADA4805-1AKSZ-EBZ
Evaluation Board for 6-Lead SC70
ADA4805-2ARMZ-EBZ
Evaluation Board for 8-Lead MSOP
ADA4805-2ACPZ-EBZ
Evaluation Board for 10-Lead LFCSP
1 Z = RoHS Compliant Part.
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11345-0-12/14(B
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com