Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4850 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4850
Description  Mono 1.5 W / Stereo 300 mW Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4850 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4850 Datasheet HTML 1Page - National Semiconductor (TI) LM4850 Datasheet HTML 2Page - National Semiconductor (TI) LM4850 Datasheet HTML 3Page - National Semiconductor (TI) LM4850 Datasheet HTML 4Page - National Semiconductor (TI) LM4850 Datasheet HTML 5Page - National Semiconductor (TI) LM4850 Datasheet HTML 6Page - National Semiconductor (TI) LM4850 Datasheet HTML 7Page - National Semiconductor (TI) LM4850 Datasheet HTML 8Page - National Semiconductor (TI) LM4850 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4850
Mono 1.5 W / Stereo 300 mW Power Amplifier
General Description
The LM4850 is an audio power amplifier capable of deliver-
ing 1.5W (typ) of continuous average power into a mono 4
Ω
bridged-tied load (BTL) with 1% THD+N or 95mW per chan-
nel
of
continuous
average
power
into
stereo
32
Ω
single-ended (SE) loads with 1% THD+N, using a 5V power
supply.
The LM4850 can automatically switch between mono BTL
and stereo SE modes utilizing a headphone sense pin. It is
ideal for any system that provides both a monaural speaker
output and a stereo line or headphone output
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4850 does not require
bootstrap capacitors or snubber networks, it is optimally
suited for low-power portable systems.
The LM4850 features an externally controlled, micropower
consumption shutdown mode and thermal shutdown protec-
tion. The unity-gain stable LM4850’s gain is set by external
gain-setting resistors
Note 1: An LM4850LD that has been properly mounted to a circuit board will
deliver 1.9W into 3
Ω (at 1% THD+N). The other package options for the
LM4850 will deliver 1.1W into 8
Ω (at 1% THD+N). See Application Infor-
mation sections for further information concerning the LM4850LD,
LM4850MM, and LM4850MT.
Key Specifications
n
Output Power at 1% THD+N, 1kHz:
n
LM4850LD 3
Ω BTL
1.9W (typ)
n
LM4850LD 4
Ω BTL
1.7W (typ)
n
LM4850MM, MT 4
Ω BTL
1.5W (typ)
n
LM4850LD, MM, MT 8
Ω BTL
1.1W (typ)
n
LM4850LD, MM, MT 8
Ω SE
300mW (typ)
n
LM4850LD, MM, MT 32
Ω SE
95mW (typ)
n
THD+N at 1kHz, 95mW into 32
Ω SE
1% (typ)
n
Single Supply Operation
2.4 to 5.5V
n
Shutdown Current
44µA (typ)
Features
n
Mono 1.5W BTL or stereo 300mW output
n
Headphone sense
n
“Click and pop” suppression circuitry
n
No bootstrap capacitors required
n
Thermal shutdown protection
n
Unity-gain stable
n
LLP, TSSOP, and MSOP packaging
Applications
n
Portable computers
n
Desktop computers
n
PDA’s
n
Handheld games
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20001031
FIGURE 1. Typical Audio Amplifier Application Circuit
July 2002
© 2002 National Semiconductor Corporation
DS200010
www.national.com


Similar Part No. - LM4850

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
Integrated Audio Amplifier System
LM48510 NSC-LM48510 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Texas Instruments
LM48510 TI1-LM48510 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
Boosted Class D Audio Power Amplifier
logo
Texas Instruments
LM48510 TI1-LM48510_14 Datasheet
1Mb / 30P
Boosted Class D Audio Power Amplifier
More results

Similar Description - LM4850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302 Datasheet
398Kb / 21P
300-mW STEREO AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV.0
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
300-mW STEREO AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2250 AD-SSM2250_05 Datasheet
256Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. A
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
Mono 1.5 W / Stereo 300mW Power Amplifier
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com