Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLM-40 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PLM-40
Description  230VAC ONLY OR FULL RANGE(UP TO 295VAC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLM-40 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PLM-40 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLM-40 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLM-40 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. PLM-40 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL
PLM-40
-1400
PLM-40
-1750
PLM-40
-1050
PLM-40
-700
PLM-40
-500
RATED CURRENT
CURRENT ACCURACY Note.3
OPERATING VOLTAGE RANGE Note.5
RATED POWER
OUTPUT
SETUP TIME
FREQUENCY RANGE
POWER FACTOR
(Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
INRUSH CURRENT(Typ.)
LEAKAGE CURRENT
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
SHORT CIRCUIT
OVER TEMPERATURE
1400mA
1750mA
1050mA
700mA
500mA
40.6W
40.25W
39.9W
39.9W
40W
3Vp-p
2.5Vp-p
4Vp-p
6Vp-p
8Vp-p
47 ~ 63Hz
86%
86%
87%
87%
88%
Blank Type:
E Type:
0.5A/115VAC 0.3A/230VAC
0.25A/277VAC
0.3A/230VAC
0.25A/277VAC
<0.5mA / 240VAC
Hiccup mode, recovers automatically after fault condition is removed.
-30 ~ +40
(Refer to "Derating Curve")
℃
20 ~ 95% RH non-condensing
-40 ~ +80
, 10 ~ 95% RH
℃
±℃
℃
0.06%/
(0 ~ 40
)
10 ~ 500Hz, 2G 12min./1cycle, period for 72min. each along X, Y, Z axes
822.7Khrs min.
MIL-HDBK-217F (25
)
℃
175*42*24mm (L*W*H)
0.175Kg; 60pcs/11.5kg/0.68CUFT
RIPPLE & NOISE (max.) Note.2
ENVIRONMENT
SAFETY &
EMC
PROTECTION
Hiccup mode, recovers automatically after temperature goes down.
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:100M Ohms / 500VDC / 25
/ 70% RH
℃
Compliance to EN55015,
,EN61000-3-2 Class C
; EN61000-3-3
GB17743, GB17625.1
( 75% load)
≧
Compliance to EN61000-4-2,3,4,5,6,8,11 EN61547, light industry level, criteria B (Surge 2KV)
,
29 ~ 57V
40 ~ 80V
15 ~ 29V
12 ~ 23V
19 ~ 38V
File Name:PLM-40-SPEC 2016-12-07
63V
86V
43V
34V
27V
NO LOAD OUTPUT VOLTAGE (max.)
EMC IMMUNITY
EMC EMISSION
VOLTAGE RANGE
Note.4
PLM-40
-350
350mA
36.75W
10Vp-p
88%
53 ~ 105V
115V
±8.0%
COLD START 15A(twidth=75 s measured at 50% Ipeak) at 230VAC
μ
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
℃
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Please see AC input voltage drop vs. output current characteristics table.
""
4. Derating may be needed under low input voltage, please check the static characteristic for more details.
5. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
UL8750, CSA C22.2 No. 250.13-12;ENEC EN61347-1, EN61347-2-13, EN62384,
IP30 approved
GB19510.14,GB19510.1,
TOTAL HARMONIC
DISTORTION
Blank type
E type
SPECIFICATION
40W Single Output LED Power Supply
PLM-40 series
Blank type
E type
Blank Type: 500ms /115VAC, 230VAC at full load; E Type: 500ms / 230VAC at full load
Blank Type:
E Type:
110 ~ 295VAC
156 ~ 417VDC;
180 ~ 295VAC
254 ~ 417VDC
PF
0.97/115VAC,PF
0.95/230VAC,PF>0.9/277VAC(at full load)
≥≥
(Please refer to "Power Factor Characteristic" curve)
PF
0.95/230VAC,PF>0.9/277VAC(at full load)(Please refer to "Power Factor Characteristic" curve)
≥
THD< 20% when output loading 60% at 115VAC/230VAC input and output loading 75% at 277VAC input
≧≧
THD< 20% when output loading 60% at 230VAC input and output loading 75% at 277VAC input
≧≧
MAX. No. of PSUs on 16A
CIRCUIT BREAKER
47 units (circuit breaker of type B) / 47 units (circuit breaker of type C) at 230VAC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com