Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMS202 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SMS202
Description  Silicon Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMS202 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMS202 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMS202 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMS202 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Schottky Diode
Rev. V1
SMS202
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-xxxxxxx
1
Features
 Small Footprint, only 50 x 30 mils.
 Simplest Broadband Detector as no DC bias
Required
 Very Low Barrier Height, Good Sensitivity,
-54 dBm, also Low Flick Noise
 Very Low Parasitic Package Inductance and Low
Package Capacitance
 RoHS* Compliant
Description
The SMS202 is a silicon Schottky diode in a molded
plastic DFN package. It is designed for a broadband
zero bias detector. It has a high cutoff frequency and
can be used up to 18 GHz and power detection up
to 10 dBm.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Breakdown Voltage (VB)
IR = 100 µA
V
1
Forward Voltage (VF)
IF = 100 µA
mV
60
80
120
Total Capacitance (CT)
VR = 0 V, 1 MHz
pF
0.17
0.20
Video Resistance (RV)
Zero Bias
Ω
2000
4000
8000
Tangential Signal Sensitivity (TSS)
NF -3 dB, 10 GHz
dBm
-54
Voltage Sensitivity (y)
PIN = -30 dBm, Video BW = 500 KHz, 10 GHz mV/mW
8000
Absolute Maximum Ratings
Parameter
Absolute Maximum
Reverse DC Voltage
1 V
Forward Current
20 mA
Dissipated Power
100 mW
(de-rated to 0 @ +150°C)
Junction Temperature
+175°C
Storage Temperature
-65°C to +150°C
Solder Temperature
+260°C
per JEDEC J-STD-20C
Case 0503 - Molded Plastic DFN Package
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these (HBM) Class 0
devices.


Similar Part No. - SMS202

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS2020 SECOS-SMS2020 Datasheet
554Kb / 4P
N-Channel MOSFET
SMS2020 SECOS-SMS2020_15 Datasheet
554Kb / 4P
N-Channel MOSFET
More results

Similar Description - SMS202

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
Silicon Schottky Diode
Jun-15-2004
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com