Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS0151 Datasheet(PDF) 9 Page - International Rectifier

Part # IPS0151
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS0151 Datasheet(HTML) 9 Page - International Rectifier

Back Button IPS0151 Datasheet HTML 4Page - International Rectifier IPS0151 Datasheet HTML 5Page - International Rectifier IPS0151 Datasheet HTML 6Page - International Rectifier IPS0151 Datasheet HTML 7Page - International Rectifier IPS0151 Datasheet HTML 8Page - International Rectifier IPS0151 Datasheet HTML 9Page - International Rectifier IPS0151 Datasheet HTML 10Page - International Rectifier IPS0151 Datasheet HTML 11Page - International Rectifier IPS0151 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IPS0151(S)
www.irf.com
9
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100 125 150
Iin,on
Iin,off
Figure 17 - Input current (
µA) Vs Junction (oC)
80%
85%
90%
95%
100%
105%
110%
115%
120%
-50 -25
0
25
50
75 100 125 150
Vds clam p @ Isd
Vin clam p @ 10m A
Figure 18 - Vin clamp and V clamp2 (V)
Vs Tjunction (oC)
0
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100 125 150
Treset
rise tim e
fall tim e
Figure 19 - Turn-on, Turn-off, and Treset (
µs)
Vs Tjunction (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com