Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

83B3003 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 83B3003
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

83B3003 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  83B3003 Datasheet HTML 1Page - TE Connectivity Ltd 83B3003 Datasheet HTML 2Page - TE Connectivity Ltd 83B3003 Datasheet HTML 3Page - TE Connectivity Ltd 83B3003 Datasheet HTML 4Page - TE Connectivity Ltd 83B3003 Datasheet HTML 5Page - TE Connectivity Ltd 83B3003 Datasheet HTML 6Page - TE Connectivity Ltd 83B3003 Datasheet HTML 7Page - TE Connectivity Ltd 83B3003 Datasheet HTML 8Page - TE Connectivity Ltd 83B3003 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or company names may be trademarks of their respective owners.
1 of 12
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
408-6788
Hand Crimping Tool and Cable
Preparation Kit 59981-1
23 AUG 13 Rev L
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use
and low volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
Figure 1
1. INTRODUCTION
Hand Crimping Tool and Cable Preparation Kit
59981-1 (shown in Figure 1) is used to prepare and
terminate RG-402 (3.581mm [.141 in.] outside
diameter) and RG-405 (2.184mm [.086 in.] outside
diameter) semi-rigid coaxial cable onto SMA Series,
N Series, and TNC Series connectors listed in
Figure 2. Read these instructions thoroughly before
using the kit.
NOTE
Dimensions in this instruction sheet are in millimeters
[with inches in brackets]. Figures and illustrations are for
reference only and are not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 11, REVISION SUMMARY.
2. DESCRIPTION
The kit contains a hand crimping tool (with a
CERTI-CRIMP hand crimping tool ratchet control), two
interchangeable die sets (one for RG-402 cable and
the other for RG-405 cable), and three locators for
specific connector terminations. See Figure 1.
NOTE
The tool ratchet ensures full crimping of the connector.
Once engaged, the ratchet will not release until the
handles have been FULLY closed. Do NOT adjust the
ratchet.
Die Set (Typ)
Locator (Typ)
Hand Crimping Tool
59980-1 (36-01)
Kit 59981-1
Kit contains all the parts listed;
part numbers in parenthesis are
per MIL22520. All components
listed can be ordered separately
for specific application needs.
CERTI-CRIMP*
Hand Crimping Tool
Ratchet Control
Hex Wrench (.094-in.) 21027-6
Cable Dressing Fixture
311396-1 (36-07)
Trimmer Tool 312317-1
(36-08)
Cable Cutoff Fixture
311395-1 (36-09)
Bend Tool Holder
311392-1 (36-10)
90 ° Bending Fixture Assembly (36-10)
Conforming Block
312067-1 (36-10)
Bend Segments:
A -- 311386-1 (36-11) for RG-402, 3.17mm [.125 in]. Radius
B -- 311386-2 (36-12) for RG-402, 6.35mm [.250 in.] Radius
C -- 311386-3‘(36-13) for RG-405, 3.17mm [.125 in.] Radius
Locators:
A -- 220221-2 (36-04) for Plugs with Center Contact
B -- 220220-2 (36-06) for Plugs without Center Contact
C -- 220222-2 (36-05) for Jacks
NOTE
i
NOTE
i


Similar Part No. - 83B3003

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83B3A-A12-J06 BOURNS-83B3A-A12-J06 Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
83B3A-A12-J06L BOURNS-83B3A-A12-J06L Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
83B3A-A12-J08 BOURNS-83B3A-A12-J08 Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
83B3A-A12-J08L BOURNS-83B3A-A12-J08L Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
83B3A-A12-J10 BOURNS-83B3A-A12-J10 Datasheet
276Kb / 4P
83/84 - 5/8 Square 10-Turn
More results

Similar Description - 83B3003

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com