Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet(PDF) 7 Page - Abracon Corporation

Part # AB-RTCMC-32.7KHZ-EOA9-S3
Description  DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet(HTML) 7 Page - Abracon Corporation

  AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 1Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOA9-S3 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AB-RTCMC-32.768kHz-EOA9-S3
3.7 x 2.5 x 0.9 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.05.13
Visit www.abracon.com for Terms & Conditions of Sale
Pb RoHS/RoHS II compliant
DTCXO Temperature Compensated Real-Time-Clock Module with SPI bus
Recommended Land Pattern
OUTLINE DIMENSIONS:
Dimensions: mm
PIN DESCRIPTION:
Pin No.
Pin Name
Function
1
CLKOE
CLKOUT enable/disable pin; enable is active HIGH; tie to GND when not using
CLKOUT
2
VDD
Positive supply voltage; positive or negative steps in supply voltage may affect oscillator
performance, recommend 10 nF decoupling capacitor close to device
3
CLKOUT
Clock Output pin; CLKOUT or INT function can be selected.(Control_1; bit7; Clk/Int)
CLKOUT output push-pull / INT function open-drain requiring pull-up resistor
4
SCL
Serial Clock Input pin; may float when CE inactive
5
SDO
Serial Data Output pin; push-pull; high-impedance when not driving; can be connected to
SDI for single-wire data line.
6
VSS
Ground
7
INT
Interrupt output pin; open-drain; active LOW
8
CE
Chip Enable input; active HIGH
9
VBACKUP
Backup Supply Voltage; tie to GND when not using backup supply voltage
10
SDI
Serial Data Input pin; may float when CE inactive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com