Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet(PDF) 7 Page - Abracon Corporation

Part # AB-RTCMC-32.7KHZ-EOZ9-S3
Description  DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet(HTML) 7 Page - Abracon Corporation

Back Button AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 2Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 3Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 4Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 5Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 6Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 7Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 8Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 9Page - Abracon Corporation AB-RTCMC-32.7KHZ-EOZ9-S3 Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AB-RTCMC-32.768kHz-EOZ9-S3
3.7 x 2.5 x 0.9 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 : 2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.05.13
Visit www.abracon.com for Terms & Conditions of Sale
PART IDENTIFICATIONS:
Recommended Land Pattern
OUTLINE DIMENSIONS:
Pb RoHS/RoHS II compliant
Dimensions: mm
DTCXO Temperature Compensated Real Time Clock Module with I2C Bus
AB-RTCMC-32.768 kHz-EOZ9-S3- - -
Packaging
Blank: Bulk
T: 1000pcs/reel
Timing Accuracy
A: see Table 1 below
B: see Table 1 below
Operating Temp.
Range
D: -40 ~ +85°C
H: -40 ~ +125°C
Table 1. Time accuracy, DTCXO Digitally Temperature Compensated
Parameters
Min.
Typ.
Max.
Units
Time Accuracy
Option: A
TAMB=+25°C
±1
±3
ppm
TAMB=0 ~ +50°C
±2
±4
TAMB=-10 ~ +65°C
±3
±5
TAMB=-40 ~ +85°C
±4
±6
TAMB=-40 ~ +125°C
±5
±8
Time Accuracy
Option: B
TAMB=+25°C
±1
±3
ppm
TAMB=0 ~ +50°C
±3
±5
TAMB=-10 ~ +65°C
±5
±10
TAMB=-40 ~ +85°C
±10
±25
TAMB=-40 ~ +125°C
±15
±30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com