| Electronic Components Datasheet Search |
|
HS35F-100-R1-SS-12GC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HS35F-100-R1-SS-12GC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 3 page ![]() Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726 | 7230 Hollister Ave., Goleta, CA 93117-2807 www.beisensors.com HS35 Absolute Encoder Ordering SSI : HOW TO SPECIFy SSI OUTPUT IN THE ENCODER MODEL NUMBER: Example: HS35-100-R2-SS-12-NB-S3-CW-SM18 Direction of Count: Standard is CW increasing when viewed from the shaft end. Pin R is normally HI (or N/C) and is pulled up internally to +V. To reverse the count direction, Pin R must be pulled LO (COMMON ). Latch control: Encoder outputs are active and provide continuous parallel position information when Pin U is HI (or N/C). Pin U is pulled up internally to +V. When Pin U is LO (COMMON) the encoder outputs are latched at the logic state that is present when the latch is applied and will stay latched until Pin U is no longer LO (COMMON). M18 Connector is a MS3102R18-1P, 10-pin connector on the encoder body and mates to an MS3106F18-1S connector or can be used with a standard cable/connector assembly, BEI P/N 924-31186-18XX (Where XX = 10, 20 30 or 50 for a 10, 20, 30, or 50 foot length). This is the preferred connector for SSI output. M14/19 Connector is a MS3112E14-19P, 19-pin connector on the encoder body and mates to an MS3116J14-19S or equivalent. Table 1: Parallel Output Code and Terminations TERMINATION PARALLEL Gray or Natural code M14/19 CONN CABLE COLOR 14 BIT 13 BIT 12 BIT STD. B13 (MSB) B12 (MSB) B11 (MSB) A W/BLK B12 B11 B10 B W/BRN B11 B10 B9 C W/RED B10 B9 B8 D W/ORN B9 B8 B7 E W/yEL B8 B7 B6 F W/GRN B7 B6 B5 G W/BLU B6 B5 B4 H W/VIO B5 B4 B3 J W/GRy B4 B3 B2 K WHT B3 B2 B1 L GRy/BLK B2 B1 B0 (LSB) M GRy/BRN std B1 B0 (LSB) OR NC N GRy/RED* 0V std. (BO_LSB 14 BIT or Enable, Dir C, latch) P GRy/ORN* Dir Control std. (optional: latch or Enable R ORN* Case GND S GRN OV RETURN T BLK LATCH std. (optional: DC or Enable) U yEL* +V SUPPLy V RED SHIELD DRAIN - BARE *Optional Table 3: SSI Termination Termination SSI M18 M14/19 CABLE DATA+ A A yEL DATA- H B W/yEL CLK+ B C BLU CLK- I D W/BLU Dir Control C R ORN ENABLE* J P W/ORN OV RETURN F T BLK +V SUPPLy D V RED CASE GND G S GRN SHIELD DRAIN - - BARE *Optional Table 2: Analog Termination and Options Analog A1,2,3,4 & A5 M18 M14/19 CABLE COLOR A+ OUT A A yEL A Return H B W/yEL Dir Control C U ORN Reset* B C BLU OV Return F T BLK +V Supply D V RED CASE GND G S GRN *Optional Figures ONE REVOLUTION CW Increasing Count Viewing Shaft CW Increasing Count Viewing Shaft ONE REVOLUTION ETC. THRU LSB (GO) ETC. THRU LSB (20) ONE REVOLUTION CW Increasing Count Viewing Shaft CW Increasing Count Viewing Shaft ONE REVOLUTION ETC. THRU LSB (GO) ETC. THRU LSB (20) Figure 1 Gray Code Figure 2 Natural Binary |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |