Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS35F-50-R2-SS-12GC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HS35F-50-R2-SS-12GC
Description  HS35 Absolute Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS35F-50-R2-SS-12GC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HS35F-50-R2-SS-12GC Datasheet HTML 1Page - List of Unclassifed Manufacturers HS35F-50-R2-SS-12GC Datasheet HTML 2Page - List of Unclassifed Manufacturers HS35F-50-R2-SS-12GC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726
7230 Hollister Ave., Goleta, CA 93117-2807 | www.beisensors.com
Specification No. 02070-001 Rev.5-14
These commodities, technology or software if exported from the United States must be in accordance with the Bureau of Industry, and Security, Export Administration regulations. Diversion contrary to U.S law is prohibited.
HS35 Absolute Encoder
Built on the same rugged design as the incremental model, the HS35
Absolute Encoder is available with various output options including
Gray Code and Natural Binary. Designed with a cast aluminum hous-
ing, a sealed connector and shaft seals, it carries an IP65 environ-
mental rating. With the optional insulating inserts, it can be mounted
on smaller diameter shafts. It is designed for either a through shaft
mounting or blind shaft mounting with a closed cover to maintain its
environmental rating.
Electrical Specifications
Options: Parallel: NB or GC 12-14 Bits (see Table 1)
Serial (S3): 12-16 Bits (see Table 3)
Analog: (A1-A5) 12-16 Bits (see Table 2)
Counts Per Shaft Turn: 4096–65536 depending on options
Count Transition Accuracy: ± 1/2 bit maximum (Consult factory over 13 Bits)
Supply Voltage: 5–28 VDC ; 13-28 VDC for Analog
Current Requirements: 120 mA typical
Output Formats: Parallel: Gray Code, Natural Binary, Serial and Analog
Voltage/Output: (see note 2)
28V/V: Line Driver, 5–28 VDC in, Vout = Vin
28V/5: Line Driver, 5–28 VDC in, Vout = 5 VDC
28V/OC: Open Collector, 5–28 VDC in, OCout
SSI: 5–28 VDC in/5Vout (consult factory for more information)
Analog: A1-A5
Protection Level: Reverse, overvoltage and output short circuit protection
Frequency Response: 500kHz or 6000 RPM (Parallel)
Output Termination Pinouts: see tables
For S3 options, reference Spec Addendum 02087-005
For A1-A5 options, reference Spec Addendum 02088-002
Mechanical & Environmental Specs
Shaft Bore: many diameters from .375 to 1.000 inch are available, including metric.
(Consult factory for details)
Allowable Misalignment: 0.005” T.I.R. on mating shaft 0.75” from shaft end
Bore Runout: 0.001 T.I.R. maximum
Starting Torque at 25°C: Through shaft version (SS) = 7 in-oz (max);
Blind shaft version (BS) = 4 in-oz max
Bearings: 52100 SAE High carbon steel
Shaft Material: 416 Stainless Steel
Bearing Housing: Die cast aluminum with protective finish
Cover: Die cast aluminum with protective finish
Bearing Life: 7.5 X 109 revs (50,000 hours @ 2500 RPM)
Maximum RPM: 6,000 mechanical (see frequency response, above)
Moment of Inertia: 0.019 oz-in-sec2
Weight: 18oz typical
Temperature: Operating, 0° to 70°C; Extended temperature ratings are available in the
following ranges: -40 to 70°C, -40
to 85°C. Extended temperature ranges can affect other perfomance factors.
NOTES & TABLES: All notes and tables referred to in the text can be found on pages 2 &3.
The HS35 Absolute Encoder is available with the following certification:
EN 55011 and EN 61000-6-2
NuMBER
OF BITS:
12 = 12 Bits,
4096 counts
13 = 13 Bits,
8192 counts
14 = 14 Bits,
16384 counts
15 = 15 Bits,
32768 Counts
16 = 16 Bits,
65536 counts
HOuSING :
F = Standard
HS35 Absolute Encoder Ordering Options FORASSISTANCECALL800-350-2727
Use this diagram, working from left to right to construct your model number (example: HS35F-100-R1-SS-12GC-28V/V-CW-SM14/19).
All notes and tables referred to can be found on the back of this page.
TYPE:
HS = Hollow Shaft
35 = 3.5” Encoder
Diameter
SHAFT SEAL
CONFIGuRATION:
SS = Through Shaft
Rubber Seals
BS = Blind Shaft
Rubber Seal
FS = Through Shaft
Felt Seals
BFS = Blind Shaft Felt
Seal
See note 1
OuTPuT TERMINATION:
SM14/19 = 19 Pin connector;
SCS = Shielded/Jacketed
Cable with Cable Seal. Length of Cable is
specified in inches (i.e. SCS18 = 18 inches)
SM18 = MS3102R18-1P
(A1–A5 and S3 outputs only)
(Consult factory for
more information)
TETHER:
R1 = Tether Block
and Pin
R2 = Tether Arm
COdE TYPE:
GC = Gray Code
NB = Natural Binary
*Leave blank for A1-A5
dIRECTION OF COuNT:
CW = Clockwise
increasing count
CCW = Counter clockwise
increasing count
SPECIAL
FEATuRES:
S = Special
features specified on
purchase order
See note 3
(consult factory
for more
information)
SHAFT BORE:
100 = 1.00”
87 = 0.875”
75 = 0.75”
62 = 0.625”
50 = 0.50” etc
VOLTAGE/OuTPuT:
28V/V = 5-28Vin/out
28V/5 = 5-28Vin/5Vout
28V/OC = 5-28Vin/OCout
S3 = SSI
A1 = 4-20mA
A2 = 0-10V
A3 = 0-20mA
A4 = 0-5V
A5 = 0-24mA
See note 2
(consult factory for more information)
X =
Express
Encoder
EXPRESS ENCOdERS: ITEMS HIGHLIGHTED WITH
ARE STANDARD EXPRESS ENCODERS AND SHIP IN ONE TO THREE DAyS.
BEI and Express Encoder are registered trade-
marks of BEI Sensors and Sytems Company.


Similar Part No. - HS35F-50-R2-SS-12GC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS35F-100-R1-SS-2048 ETC2-HS35F-100-R1-SS-2048 Datasheet
1Mb / 3P
HS35 Incremental Optical Encoder
More results

Similar Description - HS35F-50-R2-SS-12GC

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
List of Unclassifed Man...
HS35F-100-R1-SS-2048 ETC2-HS35F-100-R1-SS-2048 Datasheet
1Mb / 3P
HS35 Incremental Optical Encoder
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
AHS58-0 PF-AHS58-0 Datasheet
305Kb / 6P
Singleturn absolute encoder
ASS58-0 PF-ASS58-0 Datasheet
351Kb / 7P
Singleturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com