Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25F-62-R1-SS-1024 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S25F-62-R1-SS-1024
Description  HS25 Incremental Optical Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S25F-62-R1-SS-1024 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S25F-62-R1-SS-1024 Datasheet HTML 1Page - List of Unclassifed Manufacturers S25F-62-R1-SS-1024 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification No. 02065-001  Rev.5-16
These commodities, technology or software if exported from the United States must be in accordance with the Bureau of Industry, and Security, Export Administration regulations. Diversion contrary to U.S law is prohibited.
HS25 Incremental Optical Encoder
The HS25 combines the
rugged, heavy-duty features
usually associated with
shafted encoders into a
hollow-shaft style. Its design
includes dual bearings and
shaft seals for NEMA 4, 13
and IP65 environmental
ratings, a rugged metal
housing, and a cable gland.
This low-profile design,
just 2” deep, is easily mounted on a through shaft. Securing the encoder to the shaft
is simple with a collet-style single screw clamp. The optional anti-rotation tether block
maintains housing stability during operation. The HS25 is designed to accommodate
shafts up to 3/4” in diameter. With optional insulating inserts, it can be mounted on
smaller diameter shafts. Applications include motor feedback and vector control, paper
converting and printing industries, robotic control, web process control along with many
other applications.
Mechanical Specifications
Shaft Bore: 0.375”, 0.750”, 0.625”, 0.500”, dia. 0.625” and under are
supplied with insulating sleeves.
Allowable Misalignment: 0.005: T.I.R. on mating shaft 0.75” from shaft end
Bore Runout: 0.001” T.I.R.
Starting Torque at 25° C: Through shaft version (SS) = 7 in-oz (max);
Blind shaft version (BS) = 4 in-oz (max)
Bearings: 52100 SAE high carbon steel
Shaft Material: 6061-T6 aluminum alloy
Bearing Housing: Die cast aluminum with protective finish
Cover: Die cast aluminum with protective finish
Bearing Life: 7.5 X 109 revs (25,000 hrs at 2500 RPM)
Maximum RPM: 6,000 RPM (see Frequency Response, below)
Moment of Inertia: 17 X 10–4 oz-in-sec2
Weight: 9 oz typical
Electrical Specifications
Code: Incremental
Output Format: 2 channels in quadrature, 1/2 cycle index gated
with negative B channel
Cycles per Shaft Turn: up to 2048 (see table A, this page)
Supply Voltage: 5 to 28 VDC available (see note 5)
Current Requirements: 100 mA typical + output load, 250 mA (max)
Voltage/Output: (see note 5)
15V/V: Line Driver, 5–15 VDC in, Vout = Vin
28V/V: Line Driver, 5–28 VDC in, Vout = Vin
28V/5: Line Driver, 5–28 VDC in, Vout = 5 VDC
28V/OC: Open Collector, 5–28 VDC in, OCout
Protection Level: Reverse, overvoltage and output short circuit
Frequency Response: 100 kHz (see note 7)
Output Terminations: (see table 1, back page)
Note: Consult factory for other electrical options
Environmental Specifications
Enclosure rating: NEMA 4 & 13 (IP65) when ordered with shaft seal
and a cable gland.
Temperature: Operating, 0º to 70ºC; extended temperature testing up to
85ºC available (see note 8); Storage, -25º to 90º C unless extended tem-
perature option called out
Shock: 50 g’s for 11 msec duration
Vibration: 5 to 2000 Hz @ 20 g’s
Humidity: 98% RH non-condensing
NOTES & TABLES: All notes and tables referred to in the text can be found
on the back of this page.
Special Models of the HS25 Incremental Encoder are available with one or more of the fol-
lowing certifications. Consult factory for details.
TYPE:
HS = Hollow Shaft
25 = 2.5” Encoder
Diameter
CYCLES PER
TURN:
(Enter Cycles)
See table A
SHAFT BORE:
75 = 0.750”
62 = 0.625”
50 = 0.50”
37 = 0.375”
COMPLEMENTS:
C = Complementary
Outputs
See note 4
OUTPUT TERMINATION:
SM12 = MS3112E12-10P
SCS = Shielded, Jacketed Cable with Cable
gland seal and cable length in inches,
(i.e. SCS18 = 18 inches)
SCS18-M18 = SM18 connector on end of cable
with length specified in inches
(i.e. SCS18-M18)
M18 = MS3101F18-1P
See table 1 and note 9
HOUSING CONFIG:
F = Standard
NO. OF CHANNELS:
A = Single Channel
AB = Dual Quad. Ch.
ABZ = Dual with Index
AZ = Single with Index
See note 3
SPECIAL
FEATURES:
S = Special
features specified
on purchase order
(consult factory)
See note 6
SHAFT SEAL
CONFIGURATION:
SS = Through Shaft Rubber Seals
BS = Blind Shaft Rubber Seal
FS = Through Shaft Felt Seals
BFS = Blind Shaft Felt Seal
See note 2
TETHER:
Blank = None
R1 = Tether Block
and Pin
R2 = Tether Arm
HS25
HS25 Incremental Ordering Options FOR ASSISTANCE CALL 800-350-2727
Use this diagram, working from left to right to construct your model number (example:
HS25F-62-R1-SS-1024-ABZC-28V/V-SCS18).
All notes and tables referred to can be found on the back of this page.
VOLTAGE/OUTPUT:
28V/V = 5–28Vin/out
28V/5 = 5–28Vin/5Vout
28V/OC = 5–28Vin/OCout
See note 5
X =
Express
Encoder
EXPRESS ENCODERS® Items highlighted with
are standard Express Encoders and ship in one to three days.
HAZARDOUS
AREA RATINGS:
Blank = None
EX = Intrinsically Safe
NI = Non-Incendive
Contact factory for
voltage options
C
Canadian Standards
Class I, Zone 0, Group IIC
U.S. Standards Class I, Group A,B,C & D;
Class II Group E,F & G
CENELEC
II 1 G Ex ia IIB/IIC T4
II 3 G Ex nA IIB T4 Gc
EN 55011
and EN 61000-6-2
Class I, Div 2, Group A,B,C & D;
Class II, Div 2, Group F & G
UL 12.0035X
UL 13.0071X


Similar Part No. - S25F-62-R1-SS-1024

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S25F SEMTECH-S25F Datasheet
121Kb / 3P
RECTIFIER, up to 2.5kV, 500mA, 300ns
logo
Yangzhou yangjie electr...
S25F YANGJIE-S25F Datasheet
104Kb / 2P
Schottky Rectifier
logo
RFE international
S25F RFE-S25F Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-09-2022
logo
SPANSION
S25FL001D0FMAI001 SPANSION-S25FL001D0FMAI001 Datasheet
892Kb / 38P
2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL001D0FMAI003 SPANSION-S25FL001D0FMAI003 Datasheet
892Kb / 38P
2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
More results

Similar Description - S25F-62-R1-SS-1024

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
Three Channel Optical Incremental Encoder Modules
logo
List of Unclassifed Man...
H25D-SS-2000-ABZC ETC2-H25D-SS-2000-ABZC Datasheet
618Kb / 3P
H25 Incremental Optical Encoder
HS35F-100-R1-SS-2048 ETC2-HS35F-100-R1-SS-2048 Datasheet
1Mb / 3P
HS35 Incremental Optical Encoder
L25G-F3-SB-2000-ABZC ETC2-L25G-F3-SB-2000-ABZC Datasheet
738Kb / 3P
L25 Incremental Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
Three Channel Optical Incremental Encoder Modules
logo
List of Unclassifed Man...
E25BB-4H-500-ABZC-28V ETC2-E25BB-4H-500-ABZC-28V Datasheet
708Kb / 2P
E25 Incremental Optical Encoder
H25D-SS-2000-ABZC-28V ETC2-H25D-SS-2000-ABZC-28V Datasheet
598Kb / 2P
H25 Incremental Optical Encoder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com