| Electronic Components Datasheet Search |
|
HS25F-37-R2-SS-100-AC-28V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HS25F-37-R2-SS-100-AC-28V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 2 page ![]() Specification No. 02065-001 Rev.5-16 These commodities, technology or software if exported from the United States must be in accordance with the Bureau of Industry, and Security, Export Administration regulations. Diversion contrary to U.S law is prohibited. HS25 Incremental Optical Encoder The HS25 combines the rugged, heavy-duty features usually associated with shafted encoders into a hollow-shaft style. Its design includes dual bearings and shaft seals for NEMA 4, 13 and IP65 environmental ratings, a rugged metal housing, and a cable gland. This low-profile design, just 2” deep, is easily mounted on a through shaft. Securing the encoder to the shaft is simple with a collet-style single screw clamp. The optional anti-rotation tether block maintains housing stability during operation. The HS25 is designed to accommodate shafts up to 3/4” in diameter. With optional insulating inserts, it can be mounted on smaller diameter shafts. Applications include motor feedback and vector control, paper converting and printing industries, robotic control, web process control along with many other applications. Mechanical Specifications Shaft Bore: 0.375”, 0.750”, 0.625”, 0.500”, dia. 0.625” and under are supplied with insulating sleeves. Allowable Misalignment: 0.005: T.I.R. on mating shaft 0.75” from shaft end Bore Runout: 0.001” T.I.R. Starting Torque at 25° C: Through shaft version (SS) = 7 in-oz (max); Blind shaft version (BS) = 4 in-oz (max) Bearings: 52100 SAE high carbon steel Shaft Material: 6061-T6 aluminum alloy Bearing Housing: Die cast aluminum with protective finish Cover: Die cast aluminum with protective finish Bearing Life: 7.5 X 109 revs (25,000 hrs at 2500 RPM) Maximum RPM: 6,000 RPM (see Frequency Response, below) Moment of Inertia: 17 X 10–4 oz-in-sec2 Weight: 9 oz typical Electrical Specifications Code: Incremental Output Format: 2 channels in quadrature, 1/2 cycle index gated with negative B channel Cycles per Shaft Turn: up to 2048 (see table A, this page) Supply Voltage: 5 to 28 VDC available (see note 5) Current Requirements: 100 mA typical + output load, 250 mA (max) Voltage/Output: (see note 5) 15V/V: Line Driver, 5–15 VDC in, Vout = Vin 28V/V: Line Driver, 5–28 VDC in, Vout = Vin 28V/5: Line Driver, 5–28 VDC in, Vout = 5 VDC 28V/OC: Open Collector, 5–28 VDC in, OCout Protection Level: Reverse, overvoltage and output short circuit Frequency Response: 100 kHz (see note 7) Output Terminations: (see table 1, back page) Note: Consult factory for other electrical options Environmental Specifications Enclosure rating: NEMA 4 & 13 (IP65) when ordered with shaft seal and a cable gland. Temperature: Operating, 0º to 70ºC; extended temperature testing up to 85ºC available (see note 8); Storage, -25º to 90º C unless extended tem- perature option called out Shock: 50 g’s for 11 msec duration Vibration: 5 to 2000 Hz @ 20 g’s Humidity: 98% RH non-condensing NOTES & TABLES: All notes and tables referred to in the text can be found on the back of this page. Special Models of the HS25 Incremental Encoder are available with one or more of the fol- lowing certifications. Consult factory for details. TYPE: HS = Hollow Shaft 25 = 2.5” Encoder Diameter CYCLES PER TURN: (Enter Cycles) See table A SHAFT BORE: 75 = 0.750” 62 = 0.625” 50 = 0.50” 37 = 0.375” COMPLEMENTS: C = Complementary Outputs See note 4 OUTPUT TERMINATION: SM12 = MS3112E12-10P SCS = Shielded, Jacketed Cable with Cable gland seal and cable length in inches, (i.e. SCS18 = 18 inches) SCS18-M18 = SM18 connector on end of cable with length specified in inches (i.e. SCS18-M18) M18 = MS3101F18-1P See table 1 and note 9 HOUSING CONFIG: F = Standard NO. OF CHANNELS: A = Single Channel AB = Dual Quad. Ch. ABZ = Dual with Index AZ = Single with Index See note 3 SPECIAL FEATURES: S = Special features specified on purchase order (consult factory) See note 6 SHAFT SEAL CONFIGURATION: SS = Through Shaft Rubber Seals BS = Blind Shaft Rubber Seal FS = Through Shaft Felt Seals BFS = Blind Shaft Felt Seal See note 2 TETHER: Blank = None R1 = Tether Block and Pin R2 = Tether Arm HS25 HS25 Incremental Ordering Options FOR ASSISTANCE CALL 800-350-2727 Use this diagram, working from left to right to construct your model number (example: HS25F-62-R1-SS-1024-ABZC-28V/V-SCS18). All notes and tables referred to can be found on the back of this page. VOLTAGE/OUTPUT: 28V/V = 5–28Vin/out 28V/5 = 5–28Vin/5Vout 28V/OC = 5–28Vin/OCout See note 5 X = Express Encoder EXPRESS ENCODERS® Items highlighted with are standard Express Encoders and ship in one to three days. HAZARDOUS AREA RATINGS: Blank = None EX = Intrinsically Safe NI = Non-Incendive Contact factory for voltage options C Canadian Standards Class I, Zone 0, Group IIC U.S. Standards Class I, Group A,B,C & D; Class II Group E,F & G CENELEC II 1 G Ex ia IIB/IIC T4 II 3 G Ex nA IIB T4 Gc EN 55011 and EN 61000-6-2 Class I, Div 2, Group A,B,C & D; Class II, Div 2, Group F & G UL 12.0035X UL 13.0071X |
Similar Part No. - HS25F-37-R2-SS-100-AC-28V |
|
Similar Description - HS25F-37-R2-SS-100-AC-28V |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |