Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF5038 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF5038
Description  RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF5038 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF5038 Datasheet HTML 1Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 2Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 3Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 4Page - Advanced Crystal Technology ACTF5038 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACTF 5038-742.50-QCC8B
Features
Low-loss RF filter for mobile systems
Low amplitude ripple
No matching network required for operation at 50Ω
Ceramic package for Surface Mounted
T
echnology (SMT)
Lead-free production and RoHS compliant
Package Dimensions
Ceramic Package: QCC8B
Pin Configuration
2
Input
6
Output
1, 3, 4,5,7,8
Ground
Marking
Top View, Laser Printing
ACT
Manufacturer’s logo
F
SAW filter
5038
Part number
Maximum Ratings
Rating
Value
Unit
Input Power Level
P
10
dBm
DC Voltage
VDC
12
V
Operating Temperature Range
TA
-40 ~ +85
°C
Operable Temperature Range*
-40~+105
°C
Storage Temperature Range
Tstg
-40 ~+105
°C
* May not stay within specification between 85°C and 105°C.
- 1 -


Similar Part No. - ACTF5038

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF5031 ACT-ACTF5031 Datasheet
310Kb / 2P
RF filter
ACTF5031-746MHZ-QCC8B ACT-ACTF5031-746MHZ-QCC8B Datasheet
310Kb / 2P
RF filter
More results

Similar Description - ACTF5038

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9124 ACT-ACTF9124 Datasheet
274Kb / 2P
RF Filter
25/ 03/ 2008
ACT-F9081 ACT-ACT-F9081 Datasheet
321Kb / 3P
RF Filter
SEPT 06
ACTF9027 ACT-ACTF9027_10 Datasheet
152Kb / 3P
RF filter
March 2010
ACTF8002 ACT-ACTF8002_10 Datasheet
121Kb / 3P
RF filter
March 2010
ACTF4197 ACT-ACTF4197 Datasheet
464Kb / 5P
RF filter
ACTF4186 ACT-ACTF4186 Datasheet
219Kb / 5P
RF Filter
ACTF4042 ACT-ACTF4042 Datasheet
198Kb / 3P
RF Filter
ACTF3031 ACT-ACTF3031 Datasheet
216Kb / 2P
RF Filter
ACTF8015 ACT-ACTF8015 Datasheet
211Kb / 3P
RF filter
SEPT 06
ACTF9038 ACT-ACTF9038 Datasheet
279Kb / 2P
RF filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com