Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2967IBP-2833 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967IBP-2833
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967IBP-2833 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2967IBP-2833 Datasheet HTML 4Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 5Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 6Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 7Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 8Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 9Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 10Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 11Page - National Semiconductor (TI) LP2967IBP-2833 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF, VON/OFF
= 1.6V, I
L = 1mA, TA = 25˚C. (Continued)
Cross Channel Isolation
I
OUT1=IOUT2=1 mA
Cross Channel Isolation
I
OUT1=IOUT2 = 150 mA
10114212
10114211
Input Current vs V
IN
Input Current vs V
IN (VOUT = 3.3V)
10114213
10114214
Input Current vs V
IN (VOUT = 2.5V)
Shutdown Current vs Shutdown Voltage
10114215
10114220
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com