Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3983ITL-2.5 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3983ITL-2.5
Description  Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3983ITL-2.5 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3983ITL-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3983ITL-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Pin Descriptions
Name
Pin No.
Name and Function
V
EN
A1
Enable Input Logic,
Enables regulator when
≥ 1.2V. Disables regulator when ≤ 0.5V
GND
B2
Common Ground
V
OUT
C1
Voltage Output. Connect this Output to the Load Circuit.
V
IN
C3
Unregulated supply Input.
N/C
A3
No Connection. There should be no electrical connection made to
this pin.
Ordering Information
TL refers as 0.300mm bump size with package height of 0.6mm
Output
Voltage (V)
Grade
LP3983 Supplied as 250
Units, Tape and Reel
LP3983 Supplied as 3000
Units, Tape and Reel
1.6
STD
LP3983ITL-1.6
LP3983ITLX-1.6
1.8
STD
LP3983ITL-1.8
LP3983ITLX-1.8
2.5
STD
LP3983ITL-2.5
LP3983ITLX-2.5
* Please contact National Semiconductor for availability
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com