Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FW306 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FW306
Description  N- Channel Silicon MOS FET High Speed Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW306 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FW306 Datasheet HTML 1Page - Sanyo Semicon Device FW306 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications and information herin are subject to change without notice.
990401TM2fXHD
Switching Time Test Circuit
50
Ω
P.G
S
G
D
VOUT
VDD=15V
VIN
ID=5A
RL=2
Ω
PW=10
µS
D.C.
≤1%
VIN
10V
0V
1.5
0.1
4.4
D1
D1
D2
D2
S1
G1
S2
G2
6.0
0.3
1.8max
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
Case Outline
SOP8(unit:mm)
Electrical Connection
(Top View)
FW306
(N-channel)
Switching Time Test Circuit
50
Ω
P.G
S
G
D
VOUT
VDD=-15V
VIN
ID=-3A
RL=5
Ω
PW=10
µS
D.C.
≤1%
VIN
4V
-10V
(P-channel)
SANYO Electric Co., Ltd. Semiconductor Company



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com