Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2967IBPX-1825 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2967IBPX-1825
Description  Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2967IBPX-1825 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP2967IBPX-1825 Datasheet HTML 1Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 2Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 3Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 4Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 5Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 6Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 7Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 8Page - National Semiconductor (TI) LP2967IBPX-1825 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Basic Application Circuit
10114202
*SD1 and SD2 must be actively terminated. Tie them to VIN if their functions are not needed.
**Minimum capacitance are shown to ensure stability (may be increased without limit).
*** Reduces output noise (may be omitted if application is not noise critical). Use ceramic or film type with very low leakage current.
Ordering Information
Output Voltage (V)
Grade
Order Information
Package
Marking
Supplied As
V
OUT1
V
OUT2
For MSOP Package
2.5
2.8
STD
LP2967IMM-2528
LCAB
1000 Units Tape and Reel
2.5
2.8
STD
LP2967IMMX-2528
LCAB
3000 Units Tape and Reel
2.5
3.3
STD
LP2967IMM-2533
LCBB
1000 Units Tape and Reel
2.5
3.3
STD
LP2967IMMX-2533
LCBB
3000 Units Tape and Reel
2.6
2.6
STD
LP2967IMM-2626
LCLB
1000 Units Tape and Reel
2.6
2.6
STD
LP2967IMMX-2626
LCLB
3000 Units Tape and Reel
2.8
2.8
STD
LP2967IMM-2828
LAQB
1000 Units Tape and Reel
2.8
2.8
STD
LP2967IMMX-2828
LAQB
3000 Units Tape and Reel
2.8
3.3
STD
LP2967IMM-2833
LCCB
1000 Units Tape and Reel
2.8
3.3
STD
LP2967IMMX-2833
LCCB
3000 Units Tape and Reel
For 8-Bump micro SMD Package (BPA08)
1.8
2.5
STD
LP2967IBP-1825
L0P
1000 Units Tape and Reel
1.8
2.5
STD
LP2967IBPX-1825
L0P
3500 Units Tape and Reel
1.8
3.3
STD
LP2967IBP-1833
L0R
1000 Units Tape and Reel
1.8
3.3
STD
LP2967IBPX-1833
L0R
3500 Units Tape and Reel
2.5
2.8
STD
LP2967IBP-2528
CA
1000 Units Tape and Reel
2.5
2.8
STD
LP2967IBPX-2528
CA
3500 Units Tape and Reel
2.5
3.3
STD
LP2967IBP-2533
CB
1000 Units Tape and Reel
2.5
3.3
STD
LP2967IBPX-2533
CB
3500 Units Tape and Reel
2.6
2.6
STD
LP2967IBP-2626
CL
1000 Units Tape and Reel
2.6
2.6
STD
LP2967IBPX-2626
CL
3500 Units Tape and Reel
2.8
2.8
STD
LP2967IBP-2828
AQ
1000 Units Tape and Reel
2.8
2.8
STD
LP2967IBPX-2828
AQ
3500 Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com