Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPH245 Datasheet(PDF) 48 Page - Seiko Instruments Inc

Part # LTPH245
Description  LINE THERMAL PRINTER MECHANISM TECHNICAL REFERENCE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

LTPH245 Datasheet(HTML) 48 Page - Seiko Instruments Inc

Back Button LTPH245 Datasheet HTML 44Page - Seiko Instruments Inc LTPH245 Datasheet HTML 45Page - Seiko Instruments Inc LTPH245 Datasheet HTML 46Page - Seiko Instruments Inc LTPH245 Datasheet HTML 47Page - Seiko Instruments Inc LTPH245 Datasheet HTML 48Page - Seiko Instruments Inc LTPH245 Datasheet HTML 49Page - Seiko Instruments Inc LTPH245 Datasheet HTML 50Page - Seiko Instruments Inc LTPH245 Datasheet HTML 51Page - Seiko Instruments Inc LTPH245 Datasheet HTML 52Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
5-1
5
DRIVE METHOD
5.1
THERMAL HEAD DRIVE TIMING
Input of print data
Input of DAT and CLK transfer the print data to the shift register in the serial input. “High”
means printing and “Low” means no-printing in DAT. DAT data is read in at the rising edge of
the CLK inputs. The transferred line of data is stored in the latch register by turning LATCH to
“Low”.
Input of the head activation pulse
Setting the DST on "High" drives the heat elements of the thermal head. Select the block to be
activated and drive for the time calculated using the formula shown in "3.6 CONTROLLING
THE HEAD ACTIVATION (DST) PULSE WIDTH", then set the DST to "Low".
Figure 5-1 shows the example of timing chart of the thermal head driving.
1: The print data for next dot line can be transferred immediately after storing the print data into the latch register.
Figure 5-1 Example of Timing Chart of the Thermal Head Driving
CHAPTER
CLK
DAT
DST
Latching data
Data transfer
1
LATCH
Data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com