Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTS-547AP Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTS-547AP
Description  0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-547AP Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTS-547AP Datasheet HTML 1Page - Lite-On Technology Corporation LTS-547AP Datasheet HTML 2Page - Lite-On Technology Corporation LTS-547AP Datasheet HTML 3Page - Lite-On Technology Corporation LTS-547AP Datasheet HTML 4Page - Lite-On Technology Corporation LTS-547AP Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
  
 

  

 !!"##$#$
#%% %#&' ' 
(()%#'
*$ 
$#$#$ +$#$ 
(#,#(#
 # ###-
#.&%'#% # #-

/ 01 !!"234/34035/234
0/6/ 0/3!/420751802/6/945:/0;<34</270=
>1</!12/<!114<1071</4109;04<14/=1210
13<181/12>4/0/3!/40



<34/2
 
!!142/
4$12/!15


Similar Part No. - LTS-547AP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-547AG LITEON-LTS-547AG Datasheet
130Kb / 5P
0.52 inch (13.2mm) digit height single digit seven-segment display
LTS-547AHR LITEON-LTS-547AHR Datasheet
130Kb / 5P
0.52 Inch (13.2 mm) digit height single digit seven-segment display
More results

Similar Description - LTS-547AP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS367G LITEON-LTS367G Datasheet
124Kb / 5P
0.36 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-546AHR LITEON-LTS-546AHR Datasheet
128Kb / 5P
0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-547AHR LITEON-LTS-547AHR Datasheet
130Kb / 5P
0.52 Inch (13.2 mm) digit height single digit seven-segment display
LTS-547AG LITEON-LTS-547AG Datasheet
130Kb / 5P
0.52 inch (13.2mm) digit height single digit seven-segment display
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
0.4 inch (10.0mm) digit height single digit, seven-segment display
logo
BetLux Electronics
BL-S52A-11 BETLUX-BL-S52A-11 Datasheet
308Kb / 5P
13.20mm (0.52) Single digit Seven Segment LED display series
REV NO: V.2
BL-S52A-12 BETLUX-BL-S52A-12 Datasheet
311Kb / 5P
13.20mm (0.52) Single digit Seven Segment LED display series
REV NO: V.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com