Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4876 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4876
Description  1.1W Audio Power Amplifier with Shutdown Logic Low
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4876 Datasheet(HTML) 8 Page - National Semiconductor (TI)

  LM4876 Datasheet HTML 1Page - National Semiconductor (TI) LM4876 Datasheet HTML 2Page - National Semiconductor (TI) LM4876 Datasheet HTML 3Page - National Semiconductor (TI) LM4876 Datasheet HTML 4Page - National Semiconductor (TI) LM4876 Datasheet HTML 5Page - National Semiconductor (TI) LM4876 Datasheet HTML 6Page - National Semiconductor (TI) LM4876 Datasheet HTML 7Page - National Semiconductor (TI) LM4876 Datasheet HTML 8Page - National Semiconductor (TI) LM4876 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Information (Continued)
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Audio Amplifier
Given:
Power Output
1 Wrms
Load Impedance
8
Input Level
1 Vrms
Input Impedance
20 k
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found. A second way to determine the minimum sup-
ply rail is to calculate the required V
opeak using Equation 3
and add the output voltage. Using this method, the minimum
supply voltage would be (V
opeak +(VODTOP +VODBOT)), where
V
ODBOT and VODTOP are extrapolated from the Dropout Volt-
age vs Supply Voltage curve in the Typical Performance
Characteristics section.
(3)
Using the Output Power vs Supply Voltage graph for an 8
load, the minimum supply rail is 4.6V. But since 5V is a stan-
dard voltage in most applications, it is chosen for the supply
rail. Extra supply voltage creates headroom that allows the
LM4876 to reproduce peaks in excess of 1W without produc-
ing audible distortion. At this time, the designer must make
sure that the power supply choice along with the output im-
pedance does not violate the conditions explained in the
Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 4.
(4)
R
f/Ri = AVD/2
(5)
From Equation 4, the minimum A
VD is 2.83; use AVD =3.
Since the desired input impedance was 20 k
Ω, and with a
A
VD impedance of 2, a ratio of 1.5:1 of Rf to Ri results in an
allocation of R
i =20kΩ and Rf =30kΩ. The final design step
is to address the bandwidth requirements which must be
stated as a pair of −3 dB frequency points. Five times away
from a −3 dB point is 0.17 dB down from passband response
which is better than the required ±0.25 dB specified.
f
L = 100 Hz/5 = 20 Hz
f
H =20kHz*5=100 kHz
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i ≥ 1/(2π*20 kΩ*20 Hz) = 0.397 µF; use 0.39 µF
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AVD.
With a A
VD = 3 and fH = 100 kHz, the resulting GBWP =
150 kHz which is much smaller than the LM4876 GBWP of
4 MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4876 can still be used without running into bandwidth limi-
tations.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com