Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT1016TLD Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KT1016TLD
Description  4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT1016TLD Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KT1016TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KT1016TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P00007.4
- 1 -
http://www.cosmo-ic.com
cosmo
KT101X Series
4PIN LSOP PHOTOTRANSISTOR
PHOTOCOUPLER
Description
The KT101X series consist of an infrared emitting
diode, optically coupled to a phototransistor detector,
and is incorporated in a 4 pin LSOP wide body
package. It features a high current transfer ratio, low
coupling capacitance and high isolation voltage.
Schematic
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1. Halogen free
2. Pb free and RoHS compliant
3. Temperature range -55℃ to 115℃
4. High isolation voltage 5000Vrms
5. Opaque type, SMD low profile 4 lead package
6. Current transfer ratio
(CTR : Min.50% at IF=5mA VCE=5V)
7. 8mm outer creepage distance
8. DC input with transistor output
9. MSL class 1
10. Agency Approvals:
• UL Approved (No. E169586): UL1577
• c-UL Approved (No. E169586)
• VDE Approved (No. 40031267): DIN EN60747-5-5
• FIMKO Approved: EN60065, EN60950, EN60335, EN60601
• CQC Approved: GB8898-2011, GB4943.1-2011
Applications
• Hybrid substrates that require high density mounting
• Programmable controllers
• Switch mode power supplies
• Microprocessor system interface
2
1
3
4


Similar Part No. - KT1016TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
Pb free and RoHS compliant
KT101T COSMO-KT101T Datasheet
157Kb / 8P
4Pin Phototransistor Output ,Low Input Current
KT101TATLD COSMO-KT101TATLD Datasheet
176Kb / 10P
4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101TATRU COSMO-KT101TATRU Datasheet
176Kb / 10P
4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101TBTLD COSMO-KT101TBTLD Datasheet
176Kb / 10P
4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - KT1016TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1000 COSMO-KT1000_16 Datasheet
177Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1200 COSMO-KT1200_16 Datasheet
319Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1210 COSMO-KT1210_16 Datasheet
319Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1300 COSMO-KT1300_16 Datasheet
225Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1310 COSMO-KT1310_16 Datasheet
225Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1400 COSMO-KT1400_16 Datasheet
178Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1410 COSMO-KT1410_16 Datasheet
223Kb / 10P
4PIN LSOP PHOTODARLINGTON PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KT1610 COSMO-KT1610_16 Datasheet
182Kb / 10P
4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com