Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4141 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4141
Description  Infrared Emitter (940 nm) in Mini Sidelooker Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4141 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4141 Datasheet HTML 1Page - OSRAM GmbH SFH4141 Datasheet HTML 2Page - OSRAM GmbH SFH4141 Datasheet HTML 3Page - OSRAM GmbH SFH4141 Datasheet HTML 4Page - OSRAM GmbH SFH4141 Datasheet HTML 5Page - OSRAM GmbH SFH4141 Datasheet HTML 6Page - OSRAM GmbH SFH4141 Datasheet HTML 7Page - OSRAM GmbH SFH4141 Datasheet HTML 8Page - OSRAM GmbH SFH4141 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2015-09-10
4
Version 1.1
SFH 4141
Grouping (TA = 25 °C)
Gruppierung
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
Gruppe
Min Strahlstärke
Max Strahlstärke
Typ Strahlstärke
I
F = 20 mA, tp = 20 ms
I
F = 20 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
I
e, min [mW / sr]
I
e, max [mW / sr]
I
e, typ [mW / sr]
SFH 4141-S
16
32
265
SFH 4141-T
25
50
410
SFH 4141-U
40
80
660
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 2:1).
Anm.:
gemessen bei einem Raumwinkel Ω = 0.01 sr
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1).
Radiant Intensity 2) page 9
Strahlstärke 2) Seite 9
Ie / Ie(20 mA) = f(IF), single pulse, tp = 100 µs,
TA= 25°C
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF, max = f(TA), RthJA = 350 K / W
OHF05669
3
10
Ι
e
(20 mA)
e
Ι
F
I
10
2
1
10
10
0
mA
10
-2
10
-1
10
0
10
1
2
10
0
0
˚C
TA
F
I
mA
OHF05670
20
40
60
80
100
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com