Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF5CWM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF5CWM
Description  MF5 Universal Monolithic Switched Capacitor Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF5CWM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button MF5CWM Datasheet HTML 7Page - National Semiconductor (TI) MF5CWM Datasheet HTML 8Page - National Semiconductor (TI) MF5CWM Datasheet HTML 9Page - National Semiconductor (TI) MF5CWM Datasheet HTML 10Page - National Semiconductor (TI) MF5CWM Datasheet HTML 11Page - National Semiconductor (TI) MF5CWM Datasheet HTML 12Page - National Semiconductor (TI) MF5CWM Datasheet HTML 13Page - National Semiconductor (TI) MF5CWM Datasheet HTML 14Page - National Semiconductor (TI) MF5CWM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
20 Modes of Operation (Continued)
TABLE I Summary of Modes Realizable filter types (eg low-pass) denoted by asterisks Unless otherwise noted
gains of various filter outputs are inverting and adjustable by resistor ratios
Mode
BP
LP
HP
N
AP
Number of
Adjustable
Notes
resistors
fCLK fo
1
3No
(2)
May need input buf-
1a
HOBP1ebQ
HOLPea1
2
No
fer Poor dynamics
HOBP2ea1
for high Q
Yes (above
2
3fCLK 50 or
fCLK 100)
Universal State-
3
4
Yes
Variable Filter Best
general-purpose mode
As above but also
3a
7
Yes
includes resistor-
tuneable notch
Gives Allpass res-
4
3
No
ponse with HOAPeb1
and HOLPeb2
Gives flatter allpass
5
4
response than above
if R1eR2e002R4
6a
3
Single pole
(2)
6b
HOLPea1
2
Single pole
HOLP2e
b
R3
R2
30 Applications Information
The MF5 is a general-purpose second-order state variable
filter whose center frequency is proportional to the frequen-
cy of the square wave applied to the clock input (fCLK) By
connecting pin 9 to the appropriate DC voltage the filter
center frequency fo can be made equal to either fCLK 100
or fCLK 50 fo can be very accurately set (within g06%) by
using a crystal clock oscillator or can be easily varied over
a wide frequency range by adjusting the clock frequency If
desired the fCLK fo ratio can be altered by external resis-
tors as in
Figures 9 10 11 13 14 and 15 The filter Q and
gain are determined by external resistors
All of the five second-order filter types can be built using the
MF5 These are illustrated in
Figures 1 through 5 along with
their transfer functions and some related equations
Figure
6 shows the effect of Q on the shapes of these curves
When filter orders greater than two are desired two or more
MF5s can be cascaded The MF5 also includes an uncom-
mitted CMOS operational amplifier for additional signal pro-
cessing applications
31 DESIGN EXAMPLE
An example will help illustrate the MF5 design procedure
For the example we will design a 2nd order Butterworth
low-pass filter with a cutoff frequency of 200 Hz and a pass-
band gain of b2 The circuit will operate from a g5V power
supply and the clock amplitude will be g5v (CMOS) levels)
From
the
specifications
the
filter
parameters
are
foe200 Hz HOLPeb2 and for Butterworth response
Qe0707
In section 20 are several modes of operation for the MF5
each having different characteristics Some allow adjust-
ment of fCLK fo others produce different combinations of
filter types some are inverting while others are non-invert-
ing etc These characteristics are summarized in Table I To
keep the example simple we will use mode 1 which has
notch bandpass and lowpass outputs and inverts the sig-
nal polarity Three external resistors determine the filter’s Q
and gain From the equations accompanying
Figure 7
QeR3 R2 and the passband gain HOLP ebR2 R1 Since
the input signal is driving a summing junction through R1
the input impedance will be equal to R1 Start by choosing a
value for R1 10k is convenient and gives a reasonable input
impedance For HOLP eb2 we have
R2 ebR1HOLP e 10k c 2 e 20k
For Q e 0707 we have
R3 e R2Q e 20k c 0707 e 1414k Use 15k
For operation on g5V supplies Va is connected to a5V
Vb to b5V and AGND to ground The power supplies
should be ‘‘clean’’ (regulated supplies are preferred) and
01 mF bypass capacitors are recommended
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com