Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4556P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4556P
Description  Infrared Emitter (850 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4556P Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4556P Datasheet HTML 1Page - OSRAM GmbH SFH4556P Datasheet HTML 2Page - OSRAM GmbH SFH4556P Datasheet HTML 3Page - OSRAM GmbH SFH4556P Datasheet HTML 4Page - OSRAM GmbH SFH4556P Datasheet HTML 5Page - OSRAM GmbH SFH4556P Datasheet HTML 6Page - OSRAM GmbH SFH4556P Datasheet HTML 7Page - OSRAM GmbH SFH4556P Datasheet HTML 8Page - OSRAM GmbH SFH4556P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2014-12-04
1
2014-12-04
Infrared Emitter (850 nm)
IR-Lumineszensdiode (850 nm)
Version 1.0
SFH 4556P
Features:
Besondere Merkmale:
• Wavelength 850nm
•
Wellenlänge 850nm
• Short switching times
•
Kurze Schaltzeiten
• Available on tape and reel (in Ammopack)
•
Gegurtet lieferbar (im Ammo-Pack)
• Good spectral match to silicon photodetectors
•
Gute spektrale Anpassung an Si-Fotoempfänger
Applications
Anwendungen
• IR remote control
•
IR-Gerätefernsteuerung
• Sensor technology
•
Sensorik
• Discrete interrupters
•
Diskrete Lichtschranken
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4556P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4556 OSRAM-SFH4556 Datasheet
261Kb / 7P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH4556 OSRAM-SFH4556 Datasheet
407Kb / 9P
High Power Infrared Emitter
SFH4556-AW OSRAM-SFH4556-AW Datasheet
407Kb / 9P
High Power Infrared Emitter
SFH4556-VAW OSRAM-SFH4556-VAW Datasheet
407Kb / 9P
High Power Infrared Emitter
SFH4556 OSRAM-SFH4556_16 Datasheet
407Kb / 9P
High Power Infrared Emitter
More results

Similar Description - SFH4556P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4356 OSRAM-SFH4356 Datasheet
435Kb / 11P
Infrared Emitter (850 nm)
SFH4356P OSRAM-SFH4356P Datasheet
267Kb / 12P
Infrared Emitter (850 nm)
SFH4851 OSRAM-SFH4851 Datasheet
262Kb / 11P
Infrared Emitter (850 nm)
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
Infrared Emitter (850 nm)
SFH4855 OSRAM-SFH4855 Datasheet
271Kb / 12P
Infrared Emitter (850 nm)
SFH4857 OSRAM-SFH4857 Datasheet
460Kb / 12P
Infrared Emitter (850 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com