Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL28PCIe16ALIT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SL28PCIe16ALIT
Description  Low power push-pull type differential output buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe16ALIT Datasheet(HTML) 5 Page - Silicon Laboratories

  SL28PCIe16ALIT Datasheet HTML 1Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 2Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 3Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe16ALIT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SL28PCIe16
DOC#: SP-AP-0790 (Rev. 0.3)
Page 5 of 12
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 2: Control Register 2
(continued)
Bit
@Pup
Name
Description
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
1
SRC4_OE
Output enable for SRC4
0 = Output Disabled, 1 = Output Enabled
6
1
SRC5_OE
Output enable for SRC5
0 = Output Disabled, 1 = Output Enabled
5
0
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 4: Control Register 4
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
1
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 5: Control Register 5
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
0
RESERVED
RESERVED
4
1
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
0
RESERVED
RESERVED
Byte 6: Control Register 6
Bit
@Pup
Name
Description
7
0
SRC[5:4]_AMP1
SRC[5:4] amplitude adjustment
00= 700mV, 01=800mV, 10=900mV, 11= 1000mV
6
1
SRC[5:4]_AMP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com