Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IVR1004 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # IVR1004
Description  aIVR1004 ??10 sec
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

IVR1004 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  IVR1004 Datasheet HTML 1Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 2Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 3Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 4Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 5Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 6Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 7Page - Aplus Intergrated Circuits IVR1004 Datasheet HTML 8Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Integrated Circuits Inc.
aIVR1004
MAR 12 2015
2
FEATURES :
Standard CMOS process.
Embedded EPROM.
Embedded 8-bit MCU.
10 sec voice duration at 6 KHz sampling with 4-bit ADPCM compression.
Combination of voice building blocks to extend playback duration.
Table entries are available for voice block combinations.
User selectable PCM or ADPCM data compress.
Voice Group Trigger Options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
Programmable I/Os, Timer Interrupt and Watch Dog Timer.
Built-in oscillator with fixed Rosc, software control sampling frequency
2.2V – 3.6V single power supply and < 5uA low stand-by current.
PWM Vout1 and Vout2 drive speaker directly [ only for DIP16/SOP16 ].
D/A COUT with ramp-up ramp-down option to drive speaker through an external BJT.
DESCRIPTION :
Aplus’ aIVR is a 8-bit CPU based Voice chip series. It is fabricated with Standard CMOS process
with embedded voice storage memory.
It can store 10 sec voice message with 4-bit ADPCM
compression at 6KHz sampling rate. 8-bit PCM is also available as user selectable option to improve
sound quality. Depending on IC body, there are up to twelve programmable I/O pins. Key trigger and
Parallel CPU trigger mode can be configured according to different application requirement. User
selectable triggering and output signal options provide maximum flexibility to various applications.
Built-in resistor controlled oscillator, 8-bit current mode D/A output and PWM direct speaker driving
output minimize the number of external components.
Part Number
Duration
Programmable IO
DAC/PWM
aIVR1004-DIP8
10 sec
2
DAC
aIVR1004-DIP16
10 sec
4
DAC/PWM
aIVR1004-SOP16
10 sec
4
DAC/PWM
aIVR1004-DIE
10 sec
4
DAC/PWM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com