Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89042 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # P89042
Description  VOICE OTP IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

P89042 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  P89042 Datasheet HTML 1Page - Aplus Intergrated Circuits P89042 Datasheet HTML 2Page - Aplus Intergrated Circuits P89042 Datasheet HTML 3Page - Aplus Intergrated Circuits P89042 Datasheet HTML 4Page - Aplus Intergrated Circuits P89042 Datasheet HTML 5Page - Aplus Intergrated Circuits P89042 Datasheet HTML 6Page - Aplus Intergrated Circuits P89042 Datasheet HTML 7Page - Aplus Intergrated Circuits P89042 Datasheet HTML 8Page - Aplus Intergrated Circuits P89042 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Integrated Circuits Inc.
aP89042
Ver5.0
Aug 23, 2010
2
FEATURES
Standard CMOS process.
Embedded 1M EPROM.
42 Sec Voice Length at 6 KHz sampling and 4-bit ADPCM compression.
Maximum 32 Voice Groups
Combination of voice building blocks to extend playback duration.
960 table entries are available for voice block combinations.
User selectable PCM or ADPCM data compress.
Two triggering modes are available by whole chip option during voice compilation.
-
Key Trigger Mode – Combinations of S1 ~ S8 to trigger up to 32 voice groups; SBT
for sequential trigger of the beginning 16 voice groups..
-
CPU Parallel Trigger Mode – Combinations of S1 ~S5 with SBT goes HIGH to strobe
start the voice playback.
Voice Group Trigger Options: Edge / Level; Hold / Un-hold; Retrigger / Non-retrigger.
Whole Chip Options: Ramp / No-ramp; Output Options; Key / CPU trigger mode.
16ms (@ 8KHz sampling rate) Debounce Time for both Key CPU Trigger Mode.
RST pin set to HIHG to stop playback at once.
Three user programmable outputs for STOP plus, BUSY signal and flashing LED.
Built-in oscillator to control sampling frequency with an external resistor.
2.2V – 3.6V single power supply and < 5uA low stand-by current.
PWM Vout1 and Vout2 drive speaker directly.
D/A COUT to drive speaker through an external BJT.
Development System support voice compilation and options selection.
DESCRIPTION
aP89042 high performance Voice OTP is fabricated with Standard CMOS process with embedded 1M
bits EPROM. It can store up to 42 sec voice messages with 4-bit ADPCM compression at 6KHz
sampling rate. 8-bit PCM is also available as user selectable option. Two trigger modes, simple Key
trigger mode and Parallel CPU trigger mode facilitate different user interface.
User selectable
triggering and output signal options provide maximum flexibility to various applications. Built-in
resistor controlled oscillator, 8-bit current mode D/A output and PWM direct speaker driving output
minimize the number of external components. PC controlled programmer and developing software
are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com