Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XO5184-1588-R Datasheet(PDF) 1 Page - MTRONPTI

Part # XO5184-1588-R
Description  Synchronous Ethernet HCMOS SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO5184-1588-R Datasheet(HTML) 1 Page - MTRONPTI

  XO5184-1588-R Datasheet HTML 1Page - MTRONPTI XO5184-1588-R Datasheet HTML 2Page - MTRONPTI XO5184-1588-R Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Revision: 1-5-11
XO5184-1588-R Series
Synchronous Ethernet HCMOS SMT or Through Hole OCXO
Ideal for IEEE-1588 Synchronized Ethernet
•
Applications
Specifically designed for 10 MHz, 12.8 MHz and 20
•
MHz Frequencies


Similar Part No. - XO5184-1588-R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5183 MTRONPTI-XO5183 Datasheet
44Kb / 1P
Oven Controlled Crystal Oscillator
XO5183-XXX MTRONPTI-XO5183-XXX Datasheet
44Kb / 1P
Oven Controlled Crystal Oscillator
More results

Similar Description - XO5184-1588-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
SYNCHRONOUS ETHERNET WAN PLL
ICS840272I IDT-ICS840272I Datasheet
906Kb / 15P
Synchronous Ethernet Frequency Translator
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
SYNCHRONOUS ETHERNET WAN PLL
logo
IDEA.lnc.
82P33731 IDEA-82P33731_16 Datasheet
886Kb / 68P
Synchronous Ethernet
logo
Integrated Device Techn...
IDT82V3389 IDT-IDT82V3389 Datasheet
1Mb / 156P
SYNCHRONOUS ETHERNET
logo
Renesas Technology Corp
8V89307 RENESAS-8V89307 Datasheet
1Mb / 125P
SYNCHRONOUS ETHERNET PLL
April 12, 2016
ICS840272I RENESAS-ICS840272I Datasheet
832Kb / 18P
Synchronous Ethernet Frequency Translator
06/19/14
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com