Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH487 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH487
Description  GaAlAs Infrared Emitter (880 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH487 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH487 Datasheet HTML 3Page - OSRAM GmbH SFH487 Datasheet HTML 4Page - OSRAM GmbH SFH487 Datasheet HTML 5Page - OSRAM GmbH SFH487 Datasheet HTML 6Page - OSRAM GmbH SFH487 Datasheet HTML 7Page - OSRAM GmbH SFH487 Datasheet HTML 8Page - OSRAM GmbH SFH487 Datasheet HTML 9Page - OSRAM GmbH SFH487 Datasheet HTML 10Page - OSRAM GmbH SFH487 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Version 1.0
SFH 487
2009-09-30
7
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Forward Current vs. Lead Length between the
package bottom and the PCB
Flussstrom gg. Beinchenlänge zwischen
Gehäuseunterseite und PCB
IF = f(l), TA = 25 °C
10
Ι
F
OHR00886
1
2
10
3
10
4
10
mA
-5
10
s
=
D
F
Ι
T
DC
0.005
=
D
p
t
T
t p
p
t
0.5
0.2
0.1
0.01
0.02
0.05
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
OHR00949
F
Ι
0
0
5
10
15
20
25 mm 30
20
40
60
80
100
mA
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com