| Electronic Components Datasheet Search |
|
LM4890IBPX Datasheet(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM4890IBPX Datasheet(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 31 page ![]() Application Information (Continued) SHUTDOWN OUTPUT IMPEDANCE For R f = 20k ohms: Z OUT1 (between Out1 and GND) = 10k||50k||Rf =6k Ω Z OUT2 (between Out2 and GND) = 10k||(40k+(10k||Rf)) = 8.3k Ω Z OUT1-2 (between Out1 and Out2) = 40k||(10k+(10k||Rf)) = 11.7k Ω The -3dB roll off for these measurements is 600kHz PROPER SELECTION OF EXTERNAL COMPONENTS Proper selection of external components in applications us- ing integrated power amplifiers is critical to optimize device and system performance. While the LM4890 is tolerant of external component combinations, consideration to compo- nent values must be used to maximize overall system qual- ity. The LM4890 is unity-gain stable which gives the designer maximum system flexibility. The LM4890 should be used in low gain configurations to minimize THD+N values, and maximize the signal to noise ratio. Low gain configurations require large input signals to obtain a given output power. Input signals equal to or greater than 1Vrms are available from sources such as audio codecs. Please refer to the section, Audio Power Amplifier Design, for a more com- plete explanation of proper gain selection. Besides gain, one of the major considerations is the closed- loop bandwidth of the amplifier. To a large extent, the band- width is dictated by the choice of external components shown in Figure 1. The input coupling capacitor, C IN, forms a first order high pass filter which limits low frequency re- sponse. This value should be chosen based on needed frequency response for a few distinct reasons. Selection Of Input Capacitor Size Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized capacitor is needed to couple in low frequencies without severe attenu- ation. But in many cases the speakers used in portable systems, whether internal or external, have little ability to reproduce signals below 100Hz to 150Hz. Thus, using a large input capacitor may not increase actual system perfor- mance. In addition to system cost and size, click and pop perfor- mance is effected by the size of the input coupling capacitor, C IN. A larger input coupling capacitor requires more charge to reach its quiescent DC voltage (nominally 1/2 V DD). This charge comes from the output via the feedback and is apt to create pops upon device enable. Thus, by minimizing the capacitor size based on necessary low frequency response, turn-on pops can be minimized. Besides minimizing the input capacitor size, careful consid- eration should be paid to the bypass capacitor value. Bypass capacitor, C BYPASS, is the most critical component to mini- mize turn-on pops since it determines how fast the LM4890 turns on. The slower the LM4890’s outputs ramp to their quiescent DC voltage (nominally 1/2V DD), the smaller the turn-on pop. Choosing C BYPASS equal to 1.0µF along with a small value of C IN, (in the range of 0.1µF to 0.39µF), should produce a virtually clickless and popless shutdown function. While the device will function properly, (no oscillations or motorboating), with C BYPASS equal to 0.1µF, the device will be much more susceptible to turn-on clicks and pops. Thus, a value of C BYPASS equal to 1.0µF is recommended in all but the most cost sensitive designs. AUDIO POWER AMPLIFIER DESIGN A 1W/8 Ω AUDIO AMPLIFIER Given: Power Output 1 Wrms Load Impedance 8 Ω Input Level 1 Vrms Input Impedance 20 k Ω Bandwidth 100 Hz–20 kHz ± 0.25 dB A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating from the Output Power vs Supply Voltage graphs in the Typical Per- formance Characteristics section, the supply rail can be easily found. A second way to determine the minimum sup- ply rail is to calculate the required V opeak using Equation 2 and add the output voltage. Using this method, the minimum supply voltage would be (V opeak +(VODTOP +VODBOT)), where V ODBOT and VODTOP are extrapolated from the Dropout Volt- age vs Supply Voltage curve in the Typical Performance Characteristics section. (2) 5V is a standard voltage which in most applications is cho- sen for the supply rail. Extra supply voltage creates head- room that allows the LM4890 to reproduce peaks in excess of 1W without producing audible distortion. At this time, the designer must make sure that the power supply choice along with the output impedance does not violate the conditions explained in the Power Dissipation section. Once the power dissipation equations have been addressed, the required differential gain can be determined from Equa- tion 3. (3) R f/RIN =AVD/2 From Equation 3, the minimum A VD is 2.83; use AVD =3. Since the desired input impedance is 20 k Ω, and with an A VD gain of 3, a ratio of 1.5:1 of R f to RIN results in an allocation of R IN =20k Ω and R f =30k Ω. The final design step is to address the bandwidth requirements which must be stated as a pair of −3 dB frequency points. Five times away from a −3 dB point is 0.17 dB down from passband response which is better than the required ±0.25 dB specified. f L = 100Hz/5 = 20Hz f H = 20kHz*5= 100kHz www.national.com 19 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |