| Electronic Components Datasheet Search |
|
PIC16F18345 Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F18345 Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 2 page ![]() PIC16F18345 Internet of Things (IoT) Sensor Badge Demonstration Summary The number of connected applications is growing rapidly, along with the need to handle multiple functions and reduce power consumption. There are many communication protocols used with different characteristics such as wired, wireless, low energy and long-range connectivity. Connected applications range from reading remote sensors and sending the data to the cloud, to enabling remote bootloader capability for functionality and software updates. Offering an array of Core Independent Peripherals (CIPs), Microchip’s 8-bit PIC®microcontrollers provide the capabilities to handle multiple functions without the core for low power consumption. The integrated analog, digital and communication peripherals perform functions autonomously, with the ability to alter system performance based on feedback or other application needs. The multiple on-board communication peripherals can be used with external modules to enable Ethernet, Wi-Fi®, Bluetooth® and long-range communications such as LoRa®. The 20-pin PIC16F18345-based IoT Sensor Badge shows this concept by interfacing with multiple sensors, sound buzzer, communication module and RGB LEDs to perform various application functions, including communication with a smartphone application via a Bluetooth LE module. For more information on the PIC16F18345, visit www.microchip.com/PIC16F18345. Product Highlights PIC16F18345 ■ 17 channel 10-bit Analog-to-Digital Converter (ADC) ■ 5-bit Digital-to-Analog Converter (DAC) ■ Two comparators and two 10-bit PWMS ■ Complementary Waveform Generator (COG) ■ Four Capture/Compare PWMs (CCPs) ■ Numerically Controlled Oscillator (NCO) ■ Data Signal Modulator (DSM) ■ Four Configurable Logic Cells (CLCs) ■ EUSART ■ Two I2C/SPI interfaces ■ Peripheral Pin Select (PPS) ■ IDLE and DOZE low-power modes ■ Peripheral module disable MCP16252 ■ Synchronous boost DC/DC regulator for single-cell operation MCP9701 ■ Analog temperature sensor RN4020 ■ Low-energy Bluetooth module Demonstration Highlights The PIC16F18345 manages: ■ Badge tilt angle and temperature ■ Color mix and pattern for RGB LEDs ■ Buzzer drive and tone control ■ Bluetooth LE module ■ Remote control via smartphone/tablet application Four Modes of Operation ■ Mode 1: PIC16F18345 with 3-axis accelerometer and RGB LEDs • The RGB LEDs light up based on the accelerometer data. The LEDs on the axis with the most measure force will light up. The center LEDs turns off when the badge is tilted beyond 45 degrees. ■ Mode 2: PIC16F18345 with RGB LEDs • The RGB LEDs will light up based on a predetermined pattern with color dimming ■ Mode 3: PIC16F18345 with 3-axis accelerometer, RGB LEDs and buzzer • The buzzer and LEDs are driven based on the magnitude of the force sensed by the accelerometer. The higher the force, the higher the pitch sound and the brighter the LEDs. ■ Mode 4: PIC16F18345 with 3-axis accelerometer, RGB LEDs and buzzer • Check board status with Android™ app via Bluetooth LE Smartphone/Tablet Application ■ View real-time tilt angle and temperature of the badge ■ View real-time status of each RGB LED ■ Change operation mode of the badge ■ Check battery voltage |
Similar Part No. - PIC16F18345 |
|
Similar Description - PIC16F18345 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |