Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8840AMZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL8840AMZ
Description  High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8840AMZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL8840AMZ Datasheet HTML 1Page - Intersil Corporation ISL8840AMZ Datasheet HTML 2Page - Intersil Corporation ISL8840AMZ Datasheet HTML 3Page - Intersil Corporation ISL8840AMZ Datasheet HTML 4Page - Intersil Corporation ISL8840AMZ Datasheet HTML 5Page - Intersil Corporation ISL8840AMZ Datasheet HTML 6Page - Intersil Corporation ISL8840AMZ Datasheet HTML 7Page - Intersil Corporation ISL8840AMZ Datasheet HTML 8Page - Intersil Corporation ISL8840AMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6792.1
December 1, 2011
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL8840AMBEPZ
8840A MBEPZ
-55 to +125
8 Ld SOIC
M8.15
ISL8841AMBEPZ
8841A MBEPZ
-55 to +125
8 Ld SOIC
M8.15
ISL8842AMBEPZ
8842A MBEPZ
-55 to +125
8 Ld SOIC
M8.15
ISL8843AMBEPZ
8843A MBEPZ
-55 to +125
8 Ld SOIC
M8.15
ISL8844AMBEPZ
8844A MBEPZ
-55 to +125
8 Ld SOIC
M8.15
ISL8845AMBEPZ
8845A MBEPZ
-55 to +125
8 Ld SOIC
M8.15
NOTES:
1. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
ISL8840AMZ, ISL8841AMZ, ISL8842AMZ, ISL8843AMZ, ISL8844AMZ, ISL8845AMZ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com