Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega163 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATmega163
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega163 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATmega163 Datasheet HTML 22Page - ATMEL Corporation ATmega163 Datasheet HTML 23Page - ATMEL Corporation ATmega163 Datasheet HTML 24Page - ATMEL Corporation ATmega163 Datasheet HTML 25Page - ATMEL Corporation ATmega163 Datasheet HTML 26Page - ATMEL Corporation ATmega163 Datasheet HTML 27Page - ATMEL Corporation ATmega163 Datasheet HTML 28Page - ATMEL Corporation ATmega163 Datasheet HTML 29Page - ATMEL Corporation ATmega163 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Hardware Description
3-16
AVR STK500 User Guide
1925C–AVR–3/03
3.8.1
Target V
CC Settings,
VTARGET
VTARGET controls the supply voltage to the target AVR microcontroller sockets. It can
either be controlled from AVR Studio or supplied from an external source. If the VTAR-
GET jumper is mounted, the on-board supply voltage is connected. The on-board
supply voltage can be adjusted to 0 - 6V from AVR Studio. Always verify the respective
datasheet for the AVR device operating voltage before adjusting VTARGET voltage.
Using the on-board supply voltage, approximately 0.5A can be delivered to the target
section. See “Appendix A” in Section 10.
If the VTARGET jumper is disconnected, target V
CC must be supplied from an external
source at one of the VTG pins on the PORT headers. Figure 3-21 explains VTARGET
jumper options.
When using an external source for VTARGET, the user must control that VTARGET is
at a higher voltage level than AREF (analog reference voltage). Always connect com-
mon ground (GND) when using an external VTARGET voltage.
Figure 3-21. VTARGET Jumper Options
The STK500 master microcontroller controls the target voltage using the internal PWM.
Figure 3-22 shows the internal connection of the VTARGET signal.
Figure 3-22. VTARGET Connection
Note:
The green LED will light when there is a voltage available on the VTG NET. It’s
impossible to use the debug or programming area of STK500 without VTG.
VTARGET
AREF
VTARGET
AREF
Jumper Mounted
Jumper not Mounted
On-board VTARGET supply connected (default)
On-board VTARGET supply disconnected
Master
MCU
VTARGET
PWM
VTG NET
Green LED
Jumper
Voltage
Regulator
10 - 15V
VIN
0 - 6V
Wr
Rd
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com