Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60 Datasheet(PDF) 11 Page - Microchip Technology

Part # ENC28J60
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 11 Page - Microchip Technology

Back Button ENC28J60 Datasheet HTML 4Page - Microchip Technology ENC28J60 Datasheet HTML 5Page - Microchip Technology ENC28J60 Datasheet HTML 6Page - Microchip Technology ENC28J60 Datasheet HTML 7Page - Microchip Technology ENC28J60 Datasheet HTML 8Page - Microchip Technology ENC28J60 Datasheet HTML 9Page - Microchip Technology ENC28J60 Datasheet HTML 10Page - Microchip Technology ENC28J60 Datasheet HTML 11Page - Microchip Technology ENC28J60 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
8-bit PIC®Microcontroller Solutions
Local Interconnect Network (LIN)
Microchip offers a LIN compatible USART on a wide
variety of microcontrollers. We have recently taken our LIN
offering to a new level by offering microcontrollers with
integrated LIN transceivers.
Embedded Ethernet
Microchip addresses the growing demand for embedded
Ethernet products with the ENC624J600, ENC424J600
and ENC28J60 as standalone Ethernet controllers,
and the PIC18F97J60 family, which are IEEE 802.3™
compliant and fully compatible with 10/100/1000Base-T
networks. Microchip’s Ethernet solution also includes
a free and robust TCP/IP stack optimized for PIC
microcontroller and dsPIC®digital signal controller families
(www.microchip.com/tcpip).
PIC Microcontrollers with Ethernet
Development Tools
PICDEM.net™ 2 Development Board (DM163024)
■ Supports ENC28J60 and PIC18F97J60
devices
■ Can be developed as web server
PICtail™ Ethernet Daughter Board (AC164121)
■ Can be plugged to any of the PIC18
demonstration boards
■ Populated with ENC28J60
■ Interfaces to RJ-45 female connector
Controller Area Network (CAN)
Microchip offers a complete line of 8-, 16- and 32-bit
MCUs to meet the needs of high-performance embedded
applications using the CAN bus. On-chip peripherals
include A/D converters, comparators, motor control PWMs,
USART (RS485, RS232, LIN) and Master I2C/SPI.
Microchip’s Enhanced CAN Module
■ Supports CAN 1.2, CAN 2.0A and CAN 2.0B protocols
■ DeviceNet data bytes filter support
■ Standard and extended data frames
■ 0–8 bytes data length
■ Three modes of operation:
• Mode 0: Legacy mode
• Mode 1: Enhanced Legacy mode with DeviceNet support
• Mode 2: FIFO mode with DeviceNet support
■ Six buffers programmable as RX/TX buffers
PIC Microcontrollers with CAN & LIN
Featured Ethernet Product Families
Superset Device
Pins
MCU +
Ethernet
Integrated
MAC + PHY
Interface
Hardware
Security
Pre-programmed
MAC
Additional Features
PIC18F97J90
64–100
ü
ü
(10 Base-T)
–
–
–
IEEE 802.3™
compliant, Auto-
negotiation,
Configurable buffer
ENC28J60
28
–
ü
(10 Base-T)
SPI
–
–
ENC624J600
44–64
–
ü
(10/100 Base-T)
SPI/Parallel
ü
ü
Featured CAN and LIN Product Families
Superset Device
Pins
Flash (KB)
CAN TX
Buffers
CAN RX
Buffers
LIN TX RX
Voltage (V)
Additional Features
PIC18F4685
28–44
16–96
3
2
–
2–5.5
LIN USART
PIC18F66K80
28–64
32–64
3
2
–
1.8–5.5
LIN USART
PIC16F1829LIN
14
8K
–
–
Integrated
2.3–5.5
LIN USART
www.microchip.com/ethernet
www.microchip.com/can
www.microchip.com/lin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com