Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6C2502 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2502
Description  Phase-Locked Loop Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2502 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2502 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI6C2502
Phase-Locked Loop Clock Driver
3
PS8382B
03/20/02
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
2123456789012
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901
2123456789012
Recommended Operating Conditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
S0
.
36
.
3
V
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
h
g
i
H0
.
2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
w
o
L
8
.
0
VI
e
g
a
tl
o
v
t
u
p
n
I0
V C
C
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
O0
0
7C
º
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C.
n
i
M.
x
a
Ms
ti
n
U
I H
O
t
n
e
rr
u
c
p
u
-l
l
u
P
V T
U
O
V
4
.
2
=
− 8
1
A
m
V T
U
O
V
0
.
2
=
− 0
3
I L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
P
V T
U
O
V
8
.
0
=5
2
V T
U
O
V
5
5
.
0
=7
1
ElectricalCharacteristics
(Over recommended operating free-air temperature range Pull Up/Down Currents, VCC = 3.0V)
ACSpecificationsTimingRequirements
(Over recommended ranges of supply voltage and operating free-air temperature)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
ti
n
U
FCLK
y
c
n
e
u
q
e
rf
k
c
o
l
C5
20
8z
H
M
DCYI
el
c
y
c
y
t
u
d
k
c
o
l
c
t
u
p
n
I0
40
6%
p
u
r
e
w
o
p
r
e
tf
a
e
m
i
T
n
o
it
a
zi
li
b
a
t
S1
s
m
r
e
t
e
m
a
r
a
P)t
u
p
n
I
(
m
o
r
F)t
u
p
t
u
O
(
o
T
V C
C
C
°
0
7
-
0
,
V
3
.
0
±
V
3
.
3
=s
ti
n
U
.
n
i
M.
p
y
T.
x
a
M
r
e
tt
ij
t
u
o
h
ti
w
r
o
rr
e
e
s
a
h
p
tN
I
_
K
L
C
↑
z
H
M
6
6
d
n
a
z
H
M
0
0
1
t
aN
I
_
B
F
↑
0
5
1
–0
5
1
+
s
p
el
c
y
c
-
o
t
-
el
c
y
c
,r
e
tt
i
Jz
H
M
6
6
d
n
a
z
H
M
0
0
1
t
AT
U
O
_
K
L
C0
0
1
–0
0
1
+
z
H
M
0
0
1
t
a
w
e
k
S
z
H
M
6
6
d
n
a
T
U
O
_
K
L
Cr
oT
U
O
_
B
F
T
U
O
_
K
L
C
T
U
O
_
B
F
r
o
0
0
2
el
c
y
c
y
t
u
D
T
U
O
_
K
L
C
T
U
O
_
B
F
r
o
5
45
5%
V
0
.
2
o
t
V
4
.
0
,
e
m
it
-
e
si
r
,r
t
0
.
1
s
n
V
4
.
0
o
t
V
0
.
2
,
e
m
it
-l
l
a
f
,f
t
1
.
1
SwitchingCharacteristics
(Over recommended ranges of supply voltage and operating free-air temperature, CL=30pF)
Note: These switching parameters are guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com