Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAMV71 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # SAMV71
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMV71 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button SAMV71 Datasheet HTML 11Page - ATMEL Corporation SAMV71 Datasheet HTML 12Page - ATMEL Corporation SAMV71 Datasheet HTML 13Page - ATMEL Corporation SAMV71 Datasheet HTML 14Page - ATMEL Corporation SAMV71 Datasheet HTML 15Page - ATMEL Corporation SAMV71 Datasheet HTML 16Page - ATMEL Corporation SAMV71 Datasheet HTML 17Page - ATMEL Corporation SAMV71 Datasheet HTML 18Page - ATMEL Corporation SAMV71 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ASF
17
common/services/ioport/mega/ioport.h
•
Issue #ASFP-6153: SAM V71 - USB host issue about detect device.
File modified:
sam/drivers/usbhs/usbhs_host.c
•
Issue #ASFP-6154: WINC1500 SAM4S example shows error message "(APP)(ERR)hif_isr 536(hif) False
interrupt 0".
Files modified:
common/components/wifi/winc1500/bsp/source/nm_bsp_sam4s.c
common/components/wifi/winc1500/bsp/source/nm_bsp_same70.c
common/components/wifi/winc1500/bsp/source/nm_bsp_samg53.c
common/components/wifi/winc1500/bsp/source/nm_bsp_samg55.c
•
Issue #ASFP-6156: Update SAM V/S/E FWS according datasheet.
File modified:
sam/utils/cmsis/same70/source/templates/system_same70.c
sam/utils/cmsis/sams70/source/templates/system_sams70.c
sam/utils/cmsis/samv70/source/templates/system_samv70.c
sam/utils/cmsis/samv71/source/templates/system_samv71.c
•
Issue #ASFP-6157: SAML21 : Incorrect constants for DAC Current mode.
File modified:
sam0/drivers/dac/dac_sam_l/dac_feature.h
•
Issue #ASFP-6161: Host driver version number of WINC1500 is shown incorrectly.
File modified:
common/components/wifi/winc1500/driver/include/m2m_types.h
•
Issue #ASFP-6162: Error in device id for devices SAM4SDxB,SAM4SDxC in component_chipid.h.
File modified:
sam/drivers/chipid/chipid_example/chipid_example.c
sam/utils/cmsis/sam4s/include/component/component_chipid.h
Known issues
•
Issue #ASFP-184: AT42QT1060 driver - use of EIC hardcoded for EVK1105 only.
AT42QT1060 component is not supported by the AT32UC3A0 and AT32UC3A1 device family.
•
Issue #ASFP-198: PolarSSL needs to be updated to version 1.0.0 to solve build error.
Header file "openssl.h" from polarssl version 0.14.0 has some wrong function definition that creates
build error. Update to version 0.99 will solve the issue
•
Issue #ASFP-881: XMEGA NVM driver does not support XMEGA A3 rev B errata.
XMEGA NVM driver does not support XMEGA A3 rev B errata.
•
Issue #ASFP-882: Sensor library fails compilation if not using a board in the 'Xplained' series of boards.
Sensor library fails compilation if not using an board in the "Xplained" series of boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com