| Electronic Components Datasheet Search |
|
SHT35 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SHT35 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 20 page ![]() Datasheet SHT3x-DIS www.sensirion.com August 2016 - Version 3 15/20 5 Packaging SHT3x-DIS sensors are provided in an open-cavityDFN package.DFN stands for dual flatno leads.The humidity sensor opening is centered on the top side of the package. The sensor chip is made of silicon and is mounted to a lead frame. The latter is made of Cu plated with Ni/Pd/Au. Chip and lead frame are overmolded by an epoxy-based mold compound leaving the central die pad and I/O pins exposed for mechanical and electrical connection.Please note that the side walls of the sensor are diced and therefore these diced lead frame surfaces are not covered with the respective plating. The package (except for the humidity sensor opening) follows JEDEC publication 95, design registration 4.20, small scale plastic quad and dual inline, square and rectangular, No-LEAD packages (with optional thermal enhancements) small scale (QFN/SON), Issue D.01, September 2009. SHT3x-DIS has a Moisture Sensitivity Level (MSL) of 1, according to IPC/JEDEC J-STD-020. At the same time, it is recommended to further process the sensors within 1 year after date of delivery. 5.1 Traceability All SHT3x-DIS sensors are laser marked for easy identification and traceability.The marking on the sensor top side consists ofa pin-1 indicator and two lines oftext. The top line consistofthe pin-1 indicator which is located in the top left corner and the product name. The small letter x stands for the accuracyclass. The bottom line consists of 6 letters. The first two digits XY (=DI) describe the output mode. The third letter (A) represents the manufacturing year (4 = 2014, 5 = 2015, etc). The last three digits (BCD) represent an alphanumeric tracking code.Thatcode can be decoded by Sensirion only and allows for tracking on batch level through production,calibration and testing – and will be provided upon justified request. If viewed from below pin 1 is indicated by triangular shaped cut in the otherwise rectangular die pad. The dimensions of the triangular cut are shown in Figure 14 through the labels T1 & T2. Figure 13 Top view of the SHT3x-DIS illustrating the laser marking. SHT 3 x XYABCD |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |