Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T83C5121XXX-ICSIL Datasheet(PDF) 98 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 94Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 95Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 96Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 97Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 98Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 99Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 100Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 101Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
98
T8xC5121
4164E–SCR–02/04
Table 73. Serial Interface DC parameters (P3.0, P3.1, P3.3 and P3.4)
Table 74. LED outputs DC Parameters (P3.6 and P3.7)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
-0.5
-0.5
0.4
0.5
0.5
V
V
V
EVCC = 1.8V
EVCC = 2.3V
EVCC = 2.8V
External EVcc
Automatic EVcc
VIH
Input High Voltage
1.4
1.6
2.0
0.7 x EVCC
EVCC
2.3
2.8
3.3
EVCC +
0.5
V
V
V
V
EVCC = 1.8V
EVCC = 2.3V
EVCC = 2.8V
External EVCC
Automatic EVcc
V
OL
Output Low
Voltage
0.4
V
I
OL = 1.2 mA
VOH
Output High
Voltage
1.6
1.8
2.2
0.8 x EVCC
1.8
2.3
2.7
EVCC
V
V
V
V
EVCC = 1.8V IOH = 1 µA
EVCC = 2.3V
EVCC = 2.8V IOH = 10µA
External EVCC
EICC
Extra Supply
Current
+3
mA
CL = 100 nF
EVCC
Extra Supply
Voltage
1.6
2.1
2.6
1.6
1.7
2.2
2.7
1.8
2.3
2.8
VCC
V
V
V
V
CL = 100 nF, 1.8V
CL = 100 nF, 2.3V
CL = 100 nF, 2.8V
External EVCC
Automatic EVcc
Ts
Sampling time
Automatic EVcc
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
IOL
Output Low
Current, P3.6 and
P3.7 LED modes
1
2
5
2
4
10
4
8
20
mA
mA
mA
2 mA configuration
4 mA configuration
10 mA configuration
(TA = -20°C to +50°C, VCC -
V
OL = 2V ± 20%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com