Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV27L1CDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV27L1CDBVT
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV27L1CDBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV27L1CDBVT Datasheet HTML 1Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 2Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 3Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 4Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 5Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 6Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 7Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 8Page - Texas Instruments TLV27L1CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TLV27L1
TLV27L2
SLOS378A – SEPTEMBER 2001 – REVISED JULY 2003
4
www.ti.com
electrical characteristics at recommended operating conditions, VS = 2.7 V, 5 V, and ±5 V (unless
otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VS = 2.7 V
25
°C
200
160
VS = 2.7 V
Full range
220
VIC = VS/2,
VS = 5 V
25
°C
120
85
VIC = VS/2,
IOL = 100 µA
VS = 5 V
Full range
200
VO
Output voltage swing from rail
OL
VS = ±5 V
25
°C
120
50
V
VO
Output voltage swing from rail
VS = ±5 V
Full range
150
V
VS = 5 V
25
°C
800
420
VIC = VS/2,
VS = 5 V
Full range
900
VIC = VS/2,
IOL = 500 µA
VS = ±5 V
25
°C
400
200
OL
VS = ±5 V
Full range
500
IO
Output current
VO = 0.5 V from rail
VS = 2.7 V
25
°C
400
µA
† Full range is –40°C to 125°C for I suffix.
dynamic performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
GBP
Gain bandwidth product
RL = 100 kΩ, CL = 10 pF, f = 1 kHz
25
°C
160
kHz
VO(pp) = 1 V,
RL = 100 kΩ
25
°C
0.06
SR
Slew rate at unity gain
VO(pp) = 1 V,
RL = 100 kΩ,
CL = 50 pF
–40
°C
0.05
V/
µs
SR
Slew rate at unity gain
CL = 50 pF
125
°C
0.8
V/
µs
φM
Phase margin
RL = 100 kΩ,
CL = 50 pF
25
°C
62
°
ts
Settling time (0.1%)
V(STEP)pp = 1 V, AV = –1,
Rise
25
°C
62
s
ts
Settling time (0.1%)
V(STEP)pp = 1 V, AV = –1,
CL = 50 pF,
RL = 100 kΩ
Fall
25
°C
44
µs
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
89
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.6
fA/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com