Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV27L2CD Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV27L2CD
Description  FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV27L2CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV27L2CD Datasheet HTML 2Page - Texas Instruments TLV27L2CD Datasheet HTML 3Page - Texas Instruments TLV27L2CD Datasheet HTML 4Page - Texas Instruments TLV27L2CD Datasheet HTML 5Page - Texas Instruments TLV27L2CD Datasheet HTML 6Page - Texas Instruments TLV27L2CD Datasheet HTML 7Page - Texas Instruments TLV27L2CD Datasheet HTML 8Page - Texas Instruments TLV27L2CD Datasheet HTML 9Page - Texas Instruments TLV27L2CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TLV27L1
TLV27L2
SLOS378A – SEPTEMBER 2001 – REVISED JULY 2003
6
www.ti.com
TYPICAL CHARACTERISTICS
Figure 4
INPUT BIAS AND INPUT
OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
100
90
80
70
60
50
40
30
20
10
0
25
45
65
85
105
125
VS = 5 V
VIC = 2.5
VO = 2.5
IIB
IIO
Figure 5
–5
–4
–3
–2
–1
0
1
2
3
4
5
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
–40
°C
0
°C
25
°C
25
°C
125
°C
VS = ±5 V
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 6
–5
–4
–3
–2
–1
0
1
2
3
4
5
0 1 2 3 4 5 6
7 8 9 10 11 12 13 14 15
–40
°C
0
°C
25
°C
125
°C
VS = ±5 V
70
°C
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 7
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
–40
°C
0
°C
25
°C
70
°C
125
°C
VS = 5 V
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 8
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
5 5.5 6
–40
°C
0
°C
25
°C
125
°C
VS = 5 V
70
°C
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 9
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
–40
°C
0
°C
25
°C
70
°C
125
°C
VS = 2.7 V
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 10
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
–40
°C
0
°C
25
°C
125
°C
VS = 2.7 V
70
°C
IOL – Low-Level Output Current – mA
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
Figure 11
0
1
2
3
4
5
6
7
8
02
46
8
10
12
14
16
VS – Supply Voltage – V
QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
–40
°C
25
°C
70
°C
125
°C
0
°C
Figure 12
0
1
2
3
4
5
6
7
8
–40 –25 –10 5
20 35 50 65 80 95 110 125
16 V
10 V
5 V
2.7 V
TA – Free-Air Temperature – °C
QUIESCENT CURRENT
vs
FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com