Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS-BGA1237A-05 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # LS-BGA1237A-05
Description  Primary dimension units are millimeters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA1237A-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA1237A-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.2032±0.0127
5.588
2.413
3.175
FRONT VIEW
TOP VIEW
1
2
50.225
2.54
5.08
20.00
45.225
1 X 45°
A1 POSITION
40.00
1.00 typ.
0.4826 pad (x1237)
19.6250
R1.60
7.90
8.50
8.25 (x2)
3
ITEM
NO.
DESCRIPTION
Material
1
0.8mm pitch terminal pin
Brass 360 Half Hard
2
non clad substrate
FR4 Standard
3
#0-80 internal Thread brass insert, Press fit
Brass
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: LS-BGA1237A 42.5mm 41x41 array 1mm pitch
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 04/16/2015
Material: N/A
Finish: N/A
Weight: 17.80
LS-BGA1237A-05 Drawing
SCALE: 1.5:1
SHEET: 1 OF 1
ENG: E. Smolentseva
FILE: LS-BGA1237A-05 Dwg
DRAWN BY: M. Raske


Similar Part No. - LS-BGA1237A-05

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA120G-61 IRONWOOD-LS-BGA120G-61 Datasheet
22Kb / 1P
Materials and specifications are subject to change without notice
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
Materials and specifications are subject to change without notice
LS-BGA121A-31 IRONWOOD-LS-BGA121A-31 Datasheet
21Kb / 1P
Materials and specifications are subject to change without notice
LS-BGA121D-05 IRONWOOD-LS-BGA121D-05 Datasheet
26Kb / 1P
Materials and specifications are subject to change without notice
LS-BGA121D-61 IRONWOOD-LS-BGA121D-61 Datasheet
23Kb / 1P
Materials and specifications are subject to change without notice
More results

Similar Description - LS-BGA1237A-05

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA927A-05 IRONWOOD-LS-BGA927A-05 Datasheet
405Kb / 1P
Primary dimension units are millimeters
LS-BGA724A-05 IRONWOOD-LS-BGA724A-05 Datasheet
126Kb / 1P
Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
Primary dimension units are millimeters
SF-BGA64L-B-32 IRONWOOD-SF-BGA64L-B-32 Datasheet
218Kb / 1P
Primary dimension units are millimeters
SF-BGA42A-B-32 IRONWOOD-SF-BGA42A-B-32 Datasheet
185Kb / 1P
Primary dimension units are millimeters
SF-BGA409A-B-05F IRONWOOD-SF-BGA409A-B-05F Datasheet
128Kb / 2P
Primary dimension units are millimeters
LS-BGA942A-41 IRONWOOD-LS-BGA942A-41 Datasheet
121Kb / 1P
Primary dimension units are millimeters
SF-BGA24C-B-42F IRONWOOD-SF-BGA24C-B-42F Datasheet
152Kb / 1P
Primary dimension units are millimeters
LS-BGA24C-41 IRONWOOD-LS-BGA24C-41 Datasheet
100Kb / 1P
Primary dimension units are millimeters
SF-BGA628A-B-05F IRONWOOD-SF-BGA628A-B-05F Datasheet
97Kb / 1P
Primary dimension units are millimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com